Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8994ECS/R Datasheet(PDF) 221 Page - Cirrus Logic

Part # WM8994ECS/R
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8994ECS/R Datasheet(HTML) 221 Page - Cirrus Logic

Back Button WM8994ECS/R Datasheet HTML 217Page - Cirrus Logic WM8994ECS/R Datasheet HTML 218Page - Cirrus Logic WM8994ECS/R Datasheet HTML 219Page - Cirrus Logic WM8994ECS/R Datasheet HTML 220Page - Cirrus Logic WM8994ECS/R Datasheet HTML 221Page - Cirrus Logic WM8994ECS/R Datasheet HTML 222Page - Cirrus Logic WM8994ECS/R Datasheet HTML 223Page - Cirrus Logic WM8994ECS/R Datasheet HTML 224Page - Cirrus Logic WM8994ECS/R Datasheet HTML 225Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 221 / 363 page
background image
WM8994
Rev 4.6
221
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R12291
(3003h)
Write
Sequencer 3
8
WSEQ_EOS0
0
End of Sequence flag. This bit indicates
whether the Control Write Sequencer
should stop after executing this step.
0 = Not end of sequence
1 = End of sequence (Stop the
sequencer after this step).
3:0
WSEQ_DELA
Y0 [3:0]
0000
Time delay after executing this step.
Total time per step (including execution)
= 62.5µs × (2WSEQ_DELAY + 8)
Table 122 Write Sequencer Control - Programming a Sequence
Note that a ‘Dummy’ write can be inserted into a control sequence by commanding the sequencer to
write a value of 0 to bit 0 of Register R255 (00FFh). This is effectively a write to a non-existent register
location. This can be used in order to create placeholders ready for easy adaptation of a control
sequence. For example, a sequence could be defined to power-up a mono signal path from DACL to
headph
one, with a ‘dummy’ write included to leave space for easy modification to a stereo signal path
configuration. Dummy writes can also be used in order to implement additional time delays between
register writes. Dummy writes are included in both of the Headphone start-up sequences - see Table
123 and Table 124.
In summary, the Control Register to be written is set by the WSEQ_ADDRn field. The data bits that
are written are determined by a combination of WSEQ_DATA_STARTn, WSEQ_DATA_WIDTHn and
WSEQ_DATAn. This is illustrated below for an example case of writing to the VMID_SEL field within
Register R1 (0001h).
In this example, the Start Position is bit 01 (WSEQ_DATA_STARTn = 0001b) and the Data width is 2
bits (WSEQ_DATA_WIDTHn = 0001b). With these settings, the Control Write Sequencer would
update the Control Register R1 [2:1] with the contents of WSEQ_DATAn [1:0].
b15
b14
b13
b12
b11
b10
b09
b08
b07
b06
b05
b04
b03
b02
b01
b00
R1 (0001h)
Power
Management (1)
LSB position = b01
WSEQ_DATA_STARTn = 0001
Data Width = 2 bits
WSEQ_DATA_WIDTHn = 0001
WSEQ_DATAn (8 bits)
b07
b06
b05
b04
b03
b02
b01
b00
WSEQ_DATA_WIDTHn = 2 bits.
Therefore, only the Least Significant 2 bits are valid. Bits 02 to 07 are discarded
XX X X X X
VMID_SEL
Figure 82 Control Write Sequencer Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com