Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8994ECS/R Datasheet(PDF) 222 Page - Cirrus Logic

Part # WM8994ECS/R
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8994ECS/R Datasheet(HTML) 222 Page - Cirrus Logic

Back Button WM8994ECS/R Datasheet HTML 218Page - Cirrus Logic WM8994ECS/R Datasheet HTML 219Page - Cirrus Logic WM8994ECS/R Datasheet HTML 220Page - Cirrus Logic WM8994ECS/R Datasheet HTML 221Page - Cirrus Logic WM8994ECS/R Datasheet HTML 222Page - Cirrus Logic WM8994ECS/R Datasheet HTML 223Page - Cirrus Logic WM8994ECS/R Datasheet HTML 224Page - Cirrus Logic WM8994ECS/R Datasheet HTML 225Page - Cirrus Logic WM8994ECS/R Datasheet HTML 226Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 222 / 363 page
background image
WM8994
222
Rev 4.6
DEFAULT SEQUENCES
When the WM8994 is powered up, a number of Control Write Sequences are available through
default settings in the sequencer memory locations. The pre-programmed default settings include
Start-Up and Shut-Down sequences for each of the output drivers. Note that the default sequences do
not include audio signal path or gain setting configuration; this must be implemented prior to
scheduling any of the default Start-Up sequences.
The entire sequencer memory m
ay be programmed to users’ own settings at any time, as described in
“Programming a Sequence”. Users’ own settings remain in memory regardless of WSEQ_ENA, and
are not affected by software resets (i.e. writing to Register R0). However, any non-default sequences
are lost when the device is powered down.
The following default control sequences are provided:
1.
Headphone Cold Start-Up - This sequence powers up the headphone driver and charge pump. It
commands the DC Servo to perform offset correction. It enables the master bias required for
analogue functions. This sequence is intended for enabling the headphone output after initial
power-on, when DC offset correction has not previously been run.
2.
Headphone Warm Start-Up - This sequence is similar to the Headphone Cold Start-Up, but does
not include the DC Servo operation. This sequence is intended for fast enabling of the
headphone output when DC offset correction has previously been scheduled and provided the
analogue gain settings have not been updated since scheduling the DC offset correction.
3.
Speaker Start-Up - This sequence powers up the stereo speaker driver. It also enables the
master bias required for analogue functions.
4.
Earpiece Start-Up - This sequence powers up the earpiece driver. It also enables the master bias
required for analogue functions. The soft-start VMID option is used in order to suppress pops
when the driver is enabled. This sequence is intended for enabling the earpiece driver when the
master bias has not previously been enabled.
5.
Line Output Start-Up - This sequence powers up the line outputs. Active discharge of the line
outputs is selected, followed by the soft-start VMID enable, followed by selection of the master
bias and un-muting of the line outputs. This sequence is intended for enabling the line drivers
when the master bias has not previously been enabled.
6.
Speaker and Headphone Fast Shut-Down - This sequence implements a fast shutdown of the
speaker and headphone drivers. It also disables the DC Servo and charge pump circuits, and
disables the analogue bias circuits using the soft-start (ramp) feature. This sequence is intended
as a shut-down sequence when only the speaker or headphone drivers are enabled.
7.
Generic Shut-Down - This sequence shuts down all of the WM8994 output drivers, DC Servo,
charge pump and analogue bias circuits. It is similar to the Fast Shut-Down sequence, with the
additional control of the earpiece and line output drivers. Active discharge of the line outputs is
included and all drivers are disabled as part of this sequence.
Specific details of each of these sequences is provided below.
Headphone Cold Start-Up
The Headphone Cold Start-Up sequence is initiated by writing 8100h to Register 272 (0110h). This
single operation starts the Control Write Sequencer at Index Address 0 (00h) and executes the
sequence defined in Table 123.
This sequence takes approximately 296ms to run.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com