Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8994ECS/R Datasheet(PDF) 223 Page - Cirrus Logic

Part # WM8994ECS/R
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8994ECS/R Datasheet(HTML) 223 Page - Cirrus Logic

Back Button WM8994ECS/R Datasheet HTML 219Page - Cirrus Logic WM8994ECS/R Datasheet HTML 220Page - Cirrus Logic WM8994ECS/R Datasheet HTML 221Page - Cirrus Logic WM8994ECS/R Datasheet HTML 222Page - Cirrus Logic WM8994ECS/R Datasheet HTML 223Page - Cirrus Logic WM8994ECS/R Datasheet HTML 224Page - Cirrus Logic WM8994ECS/R Datasheet HTML 225Page - Cirrus Logic WM8994ECS/R Datasheet HTML 226Page - Cirrus Logic WM8994ECS/R Datasheet HTML 227Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 223 / 363 page
background image
WM8994
Rev 4.6
223
WSEQ
INDEX
REGISTER
ADDRESS
WIDTH
START
DATA
DELAY
EOS
DESCRIPTION
0 (00h)
R57 (0039h)
5 bits
Bit 2
1Bh
0h
0b
STARTUP_BIAS_ENA = 1
VMID_BUF_ENA = 1
VMID_RAMP[1:0] = 11b
(delay = 0.5625ms)
1 (01h)
R1 (0001h)
3 bits
Bit 0
03h
9h
0b
BIAS_ENA = 1
VMID_SEL[1:0] = 01b
(delay = 32.5ms)
2 (02h)
R76 (004Ch)
1 bit
Bit 15
01h
6h
0b
CP_ENA = 1
(delay = 4.5ms)
3 (03h)
R1 (0001h)
2 bits
Bit 8
03h
0h
0b
HPOUT1R_ENA = 1
HPOUT1L_ENA = 1
(delay = 0.5625ms)
4 (04h)
R96 (0060h)
5 bits
Bit 1
11h
0h
0b
HPOUT1R_DLY = 1
HPOUT1L_DLY = 1
(delay = 0.5625ms)
5 (05h)
R84 (0054h)
6 bits
Bit 0
33h
Ch
0b
DCS_ENA_CHAN_0 = 1
DCS_ENA_CHAN_1 = 1
DCS_TRIG_STARTUP_0 = 1
DCS_TRIG_STARTUP_1 = 1
(delay = 256.5ms)
6 (06h)
R255 (00FFh)
1 bit
Bit 0
00h
0h
0b
Dummy Write for expansion
(delay = 0.5625ms)
7 (07h)
R96 (0060h)
6 bits
Bit 2
3Bh
0h
1b
HPOUT1R_OUTP = 1
HPOUT1R_RMV_SHORT =1
HPOUT1_DLY = 1
HPOUT1L_OUTP = 1
HPOUT1L_RMV_SHORT = 1
(delay = 0.5625ms)
Table 123 Headphone Cold Start-Up Default Sequence
Headphone Warm Start-Up
The Headphone Warm Start-Up sequence can be initiated by writing 8108h to Register 272 (0110h).
This single operation starts the Control Write Sequencer at Index Address 8 (08h) and executes the
sequence defined in Table 124.
This sequence takes approximately 40ms to run.
WSEQ
INDEX
REGISTER
ADDRESS
WIDTH
START
DATA
DELAY
EOS
DESCRIPTION
8 (08h)
R57 (0039h)
5 bits
Bit 2
1Bh
0h
0b
STARTUP_BIAS_ENA = 1
VMID_BUF_ENA = 1
VMID_RAMP[1:0] = 11b
(delay = 0.5625ms)
9 (09h)
R1 (0001h)
3 bits
Bit 0
03h
9h
0b
BIAS_ENA = 1
VMID_SEL[1:0] = 01b
(delay = 32.5ms)
10 (0Ah)
R76 (004Ch)
1 bits
Bit 15
01h
6h
0b
CP_ENA = 1
(delay = 4.5ms)
11 (0Bh)
R1 (0001h)
2 bits
Bit 8
03h
0h
0b
HPOUT1R_ENA = 1
HPOUT1L_ENA = 1
(delay = 0.5625ms)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com