Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8994ECS/R Datasheet(PDF) 227 Page - Cirrus Logic

Part # WM8994ECS/R
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8994ECS/R Datasheet(HTML) 227 Page - Cirrus Logic

Back Button WM8994ECS/R Datasheet HTML 223Page - Cirrus Logic WM8994ECS/R Datasheet HTML 224Page - Cirrus Logic WM8994ECS/R Datasheet HTML 225Page - Cirrus Logic WM8994ECS/R Datasheet HTML 226Page - Cirrus Logic WM8994ECS/R Datasheet HTML 227Page - Cirrus Logic WM8994ECS/R Datasheet HTML 228Page - Cirrus Logic WM8994ECS/R Datasheet HTML 229Page - Cirrus Logic WM8994ECS/R Datasheet HTML 230Page - Cirrus Logic WM8994ECS/R Datasheet HTML 231Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 227 / 363 page
background image
WM8994
Rev 4.6
227
Generic Shut-Down
The Generic Shut-Down sequence can be initiated by writing 812Ah to Register 272 (0110h). This
single operation starts the Control Write Sequencer at Index Address 42 (2Ah) and executes the
sequence defined in Table 129.
This sequence takes approximately 522ms to run.
WSEQ
INDEX
REGISTER
ADDRESS
WIDTH
START
DATA
DELAY
EOS
DESCRIPTION
42 (2Ah)
R31 (1Fh)
1 bit
Bit 5
01h
0h
0b
HPOUT2_MUTE = 1
(delay = 0.5625ms)
43 (2Bh)
R30 (1Eh)
6 bits
Bit 1
33h
0h
0b
LINEOUT2P_MUTE = 1
LINEOUT2N_MUTE = 1
LINEOUT1P_MUTE = 1
LINEOUT1N_MUTE = 1
(delay = 0.5625ms)
44 (2Ch)
R96 (60h)
7 bits
Bit 1
00h
0h
0b
HPOUT1R_DLY = 0
HPOUT1R_OUTP = 0
HPOUT1R_RMV_SHORT = 0
HPOUT1L_DLY = 0
HPOUT1L_OUTP = 0
HPOUT1L_RMV_SHORT = 0
(delay = 0.5625ms)
45 (2Dh)
R84 (54h)
2 bits
Bit 0
00h
0h
0b
DCS_ENA_CHAN_0 = 0
DCS_ENA_CHAN_1 = 0
(delay = 0.5625ms)
46 (2Eh)
R1 (01h)
2 bits
Bit 8
00h
0h
0b
HPOUT1R_ENA = 0
HPOUT1L_ENA = 0
(delay = 0.5625ms)
47 (2Fh)
R76 (4Ch)
1 bit
Bit 15
00h
0h
0b
CP_ENA = 0
(delay = 0.5625ms)
48 (30h)
R1 (01h)
2 bits
Bit 12
00h
0h
0b
SPKOUTL_ENA = 0
SPKOUTR_ENA = 0
(delay = 0.5625ms)
49 (31h)
R57 (39h)
6 bits
Bit 1
17h
0h
0b
BIAS_SRC = 1
STARTUP_BIAS_ENA = 1
VMID_BUF_ENA = 1
VMID_RAMP[1:0] = 01b
(delay = 0.5625ms)
50 (32h)
R1 (01h)
3 bits
Bit 0
00h
Dh
0b
BIAS_ENA = 0
VMID_SEL = 00b
(delay = 512.5ms)
51 (33h)
R1 (01h)
1 bit
Bit 11
00h
0h
0b
HPOUT2_ENA = 0
(delay = 0.5625ms)
52 (34h)
R56 (38h)
2 bits
Bit 4
03h
0h
0b
LINEOUT2_DISCH = 1
LINEOUT1_DISCH = 1
(delay = 0.5625ms)
53 (35h)
R55 (37h)
1 bit
Bit 0
01h
0h
0b
VROI = 1
(delay = 0.5625ms)
54 (36h)
R56 (38h)
1 bit
Bit 6
00h
0h
0b
HPOUT2_IN_ENA =0
(delay = 0.5625ms)
55 (37h)
R3 (03h)
4 bits
Bit 10
00h
0h
0b
LINEOUT2P_ENA = 0
LINEOUT2N_ENA = 0
LINEOUT1P_ENA = 0
LINEOUT1N_ENA = 0
(delay = 0.5625ms)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com