Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8994ECS/R Datasheet(PDF) 231 Page - Cirrus Logic

Part # WM8994ECS/R
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8994ECS/R Datasheet(HTML) 231 Page - Cirrus Logic

Back Button WM8994ECS/R Datasheet HTML 227Page - Cirrus Logic WM8994ECS/R Datasheet HTML 228Page - Cirrus Logic WM8994ECS/R Datasheet HTML 229Page - Cirrus Logic WM8994ECS/R Datasheet HTML 230Page - Cirrus Logic WM8994ECS/R Datasheet HTML 231Page - Cirrus Logic WM8994ECS/R Datasheet HTML 232Page - Cirrus Logic WM8994ECS/R Datasheet HTML 233Page - Cirrus Logic WM8994ECS/R Datasheet HTML 234Page - Cirrus Logic WM8994ECS/R Datasheet HTML 235Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 231 / 363 page
background image
WM8994
Rev 4.6
231
POP SUPPRESSION CONTROL
The WM8994
incorporates a number of features, including SilentSwitch™ technology, designed to
suppress pops normally associated with Start-Up, Shut-Down or signal path control. To achieve
maximum benefit from these features, careful attention is required to the sequence and timing of
these controls. Note that, under the recommended usage conditions of the WM8994, these features
will be configured by running the default Start-Up and Shut-Down sequences as described in the
“Control Write Sequencer” section. In these cases, the user does not need to set these register fields
directly.
The Pop Suppression controls relating to the Headphone / Line Output drivers are described in the
“Analogue Output Signal Path” section.
Additional bias controls, also pre-programmed into Control Write Sequencer, are described in the
“Reference Voltages and Master Bias” section.
DISABLED LINE OUTPUT CONTROL
The line outputs are biased to VMID in normal operation. To avoid audible pops caused by a disabled
signal path dropping to AGND, the WM8994 can maintain these connections at VMID when the
relevant output stage is disabled. This is achieved by connecting a buffered VMID reference to the
output.
The buffered VMID reference is enabled by setting VMID_BUF_ENA. The output resistance is
selectable, using the VROI register bit.
Note that, if LINEOUTn_DISCH=1 (see Table 133), then the respective output will be discharged to
AGND, and will not be connected to VMID.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R55 (0037h)
Additional
Control
0
VROI
0
Buffered VMID to Analogue Line Output
Resistance (Disabled Outputs)
0 = 20k
 from buffered VMID to output
1 = 500
 from buffered VMID to output
R57 (0039h)
AntiPOP (2)
3
VMID_BUF
_ENA
0
VMID Buffer Enable
0 = Disabled
1 = Enabled (provided VMID_SEL > 00)
Table 132 Disabled Line Output Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com