Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8994ECS/R Datasheet(PDF) 235 Page - Cirrus Logic

Part # WM8994ECS/R
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8994ECS/R Datasheet(HTML) 235 Page - Cirrus Logic

Back Button WM8994ECS/R Datasheet HTML 231Page - Cirrus Logic WM8994ECS/R Datasheet HTML 232Page - Cirrus Logic WM8994ECS/R Datasheet HTML 233Page - Cirrus Logic WM8994ECS/R Datasheet HTML 234Page - Cirrus Logic WM8994ECS/R Datasheet HTML 235Page - Cirrus Logic WM8994ECS/R Datasheet HTML 236Page - Cirrus Logic WM8994ECS/R Datasheet HTML 237Page - Cirrus Logic WM8994ECS/R Datasheet HTML 238Page - Cirrus Logic WM8994ECS/R Datasheet HTML 239Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 235 / 363 page
background image
WM8994
Rev 4.6
235
POWER MANAGEMENT
The WM8994 has control registers that allow users to select which functions are active. For minimum
power consumption, unused functions should be disabled. To minimise pop or click noise, it is
important to enable or disable functions in the correct order. See
“Control Write Sequencer” for details
of recommended control sequences.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1 (0001h)
Power
Management
(1)
13
SPKOUTR_ENA
0
SPKMIXR Mixer, SPKRVOL PGA and
SPKOUTR Output Enable
0 = Disabled
1 = Enabled
12
SPKOUTL_ENA
0
SPKMIXL Mixer, SPKLVOL PGA and
SPKOUTL Output Enable
0 = Disabled
1 = Enabled
11
HPOUT2_ENA
0
HPOUT2 and HPOUT2MIX Enable
0 = Disabled
1 = Enabled
9
HPOUT1L_ENA
0
Enables HPOUT1L input stage
0 = Disabled
1 = Enabled
8
HPOUT1R_ENA
0
Enables HPOUT1R input stage
0 = Disabled
1 = Enabled
5
MICB2_ENA
0
Microphone Bias 2 Enable
0 = Disabled
1 = Enabled
4
MICB1_ENA
0
Microphone Bias 1 Enable
0 = Disabled
1 = Enabled
2:1
VMID_SEL
[1:0]
00
VMID Divider Enable and Select
00 = VMID disabled (for OFF mode)
01 = 2 x 40k
 divider (Normal mode)
10 = 2 x 240k
 divider (Standby mode)
11 = Reserved
0
BIAS_ENA
0
Enables the Normal bias current
generator (for all analogue functions)
0 = Disabled
1 = Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com