Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8994ECS/R Datasheet(PDF) 232 Page - Cirrus Logic

Part # WM8994ECS/R
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8994ECS/R Datasheet(HTML) 232 Page - Cirrus Logic

Back Button WM8994ECS/R Datasheet HTML 228Page - Cirrus Logic WM8994ECS/R Datasheet HTML 229Page - Cirrus Logic WM8994ECS/R Datasheet HTML 230Page - Cirrus Logic WM8994ECS/R Datasheet HTML 231Page - Cirrus Logic WM8994ECS/R Datasheet HTML 232Page - Cirrus Logic WM8994ECS/R Datasheet HTML 233Page - Cirrus Logic WM8994ECS/R Datasheet HTML 234Page - Cirrus Logic WM8994ECS/R Datasheet HTML 235Page - Cirrus Logic WM8994ECS/R Datasheet HTML 236Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 232 / 363 page
background image
WM8994
232
Rev 4.6
LINE OUTPUT DISCHARGE CONTROL
The line output paths can be actively discharged to AGND through internal resistors if desired. This is
desirable at start-up in order to achieve a known output stage condition prior to enabling the soft-start
VMID reference voltage. This is also desirable in shut-down to prevent the external connections from
being affected by the internal circuits.
The
line
outputs
LINEOUT1P
and
LINEOUT1N
are
discharged
to
AGND
by
setting
LINEOUT1_DISCH. The line outputs LINEOUT2P and LINEOUT2N are discharged to AGND by
setting LINEOUT2_DISCH.
The discharge resistance is dependent upon the respective LINEOUTn_ENA bit, and also according
to the VROI bit (see Table 132
). The discharge resistance is noted in the “Electrical Characteristics”
section.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R56 (0038h)
AntiPOP (1)
5
LINEOUT1_DISC
H
0
Discharges LINEOUT1P and
LINEOUT1N outputs
0 = Not active
1 = Actively discharging LINEOUT1P
and LINEOUT1N
4
LINEOUT2_DISC
H
0
Discharges LINEOUT2P and
LINEOUT2N outputs
0 = Not active
1 = Actively discharging LINEOUT2P
and LINEOUT2N
Table 133 Line Output Discharge Control
VMID REFERENCE DISCHARGE CONTROL
The VMID reference can be actively discharged to AGND through internal resistors. This is desirable
at start-up in order to achieve a known initial condition prior to enabling the soft-start VMID reference;
this ensures maximum suppression of audible pops associated with start-up. VMID is discharged by
setting VMID_DISCH.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R57 (0039h)
AntiPOP (2)
0
VMID_DISCH
0
Connects VMID to ground
0 = Disabled
1 = Enabled
Table 134 VMID Reference Discharge Control
INPUT VMID CLAMPS
The analogue inputs can be clamped to Vmid using the INPUTS_CLAMP bit described below. This
allows pre-charging of the input AC coupling capacitors during power-up. Note that all eight inputs are
clamped using the same control bit.
Note that INPUTS_CLAMP must be set to 0 when the analogue input signal paths are in use.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R21 (15h)
Input Mixer (1)
6
INPUTS_CLAMP
0
Input pad VMID clamp
0 = Clamp de-activated
1 = Clamp activated
Table 135 Input VMID Clamps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com