Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8994ECS/R Datasheet(PDF) 230 Page - Cirrus Logic

Part # WM8994ECS/R
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8994ECS/R Datasheet(HTML) 230 Page - Cirrus Logic

Back Button WM8994ECS/R Datasheet HTML 226Page - Cirrus Logic WM8994ECS/R Datasheet HTML 227Page - Cirrus Logic WM8994ECS/R Datasheet HTML 228Page - Cirrus Logic WM8994ECS/R Datasheet HTML 229Page - Cirrus Logic WM8994ECS/R Datasheet HTML 230Page - Cirrus Logic WM8994ECS/R Datasheet HTML 231Page - Cirrus Logic WM8994ECS/R Datasheet HTML 232Page - Cirrus Logic WM8994ECS/R Datasheet HTML 233Page - Cirrus Logic WM8994ECS/R Datasheet HTML 234Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 230 / 363 page
background image
WM8994
230
Rev 4.6
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNITS
LDO1 Start-Up Time
tLDO1_START
VREFC Cap = 1 uF
AVDD1 Cap = 4.7uF
1.5
ms
LDO1 Cycle Time
tLDO1_CYCLE
36
ms
LDO2 Start-Up Time
tLDO2_START
VREFC Cap = 1 uF
DCVDD Cap = 1uF
1.5
ms
LDO2 Cycle Time
tLDO2_CYCLE
36
ms
Table 130 LDO Timing
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R59 (003Bh)
LDO 1
3:1
LDO1_VSEL [2:0]
110
LDO1 Output Voltage Select
2.4V to 3.1V in 100mV steps
000 = 2.4V
001 = 2.5V
010 = 2.6V
011 = 2.7V
100 = 2.8V
101 = 2.9V
110 = 3.0V
111 = 3.1V
0
LDO1_DISCH
1
LDO1 Discharge Select
0 = LDO1 floating when disabled
1 = LDO1 discharged when
disabled
R60
(003Ch)
LDO 2
2:1
LDO2_VSEL [1:0]
01
LDO2 Output Voltage Select
0.9V to 1.2V in 100mV steps
00 = 0.9V
01 = 1.0V
10 = 1.1V
11 = 1.2V
0
LDO2_DISCH
1
LDO2 Discharge Select
0 = LDO2 floating when disabled
1 = LDO2 discharged when
disabled
R1825
(0721h)
Pull Control
(2)
6
LDO2ENA_PD
1
LDO2ENA Pull-down enable
0 = Disabled
1 = Enabled
4
LDO1ENA_PD
1
LDO1ENA Pull-down enable
0 = Disabled
1 = Enabled
Table 131 LDO Regulator Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com