Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8994ECS/R Datasheet(PDF) 233 Page - Cirrus Logic

Part # WM8994ECS/R
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8994ECS/R Datasheet(HTML) 233 Page - Cirrus Logic

Back Button WM8994ECS/R Datasheet HTML 229Page - Cirrus Logic WM8994ECS/R Datasheet HTML 230Page - Cirrus Logic WM8994ECS/R Datasheet HTML 231Page - Cirrus Logic WM8994ECS/R Datasheet HTML 232Page - Cirrus Logic WM8994ECS/R Datasheet HTML 233Page - Cirrus Logic WM8994ECS/R Datasheet HTML 234Page - Cirrus Logic WM8994ECS/R Datasheet HTML 235Page - Cirrus Logic WM8994ECS/R Datasheet HTML 236Page - Cirrus Logic WM8994ECS/R Datasheet HTML 237Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 233 / 363 page
background image
WM8994
Rev 4.6
233
REFERENCE VOLTAGES AND MASTER BIAS
This section describes the analogue reference voltage and bias current controls. It also describes the
VMID soft-start circuit for pop suppressed start-up and shut-down.
The analogue circuits in the WM8994 require a mid-rail analogue reference voltage, VMID. This
reference is generated from AVDD1 via a programmable resistor chain. Together with the external
VMID decoupling capacitor, the programmable resistor chain determines the charging characteristic
on VMID. This is controlled by VMID_SEL[1:0], and can be used to optimise the reference for normal
operation or low power standby as described in Table 136.
A buffered mid-rail reference voltage is provided. This is required for the single-ended configuration of
the Input PGAs, and also for direct signal paths from the input pins to the Input Mixers, Output Mixers
or Speaker Mixers. These requirements are note
d in the relevant “Analogue Input Signal Path” and
“Analogue Output Signal Path” sections. The buffered mid-rail reference is enabled by setting the
VMID_BUF_ENA register bit.
The analogue circuits in the WM8994 require a bias current. The normal bias current is enabled by
setting BIAS_ENA. Note that the normal bias current source requires VMID to be enabled also.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1 (0001h)
Power
Management
(1)
2:1
VMID_SEL
[1:0]
00
VMID Divider Enable and Select
00 = VMID disabled (for OFF mode)
01 = 2 x 40k
 divider (for normal operation)
10 = 2 x 240k
 divider (for low power standby)
11 = Reserved
0
BIAS_ENA
0
Enables the Normal bias current generator (for
all analogue functions)
0 = Disabled
1 = Enabled
R57 (0039h)
AntiPOP (2)
3
VMID_BUF_
ENA
0
VMID Buffer Enable
0 = Disabled
1 = Enabled (provided VMID_SEL > 00)
Table 136 Reference Voltages and Master Bias Enable
A pop-suppressed start-up requires VMID to be enabled smoothly, without the step change normally
associated with the initial stage of the VMID capacitor charging. A pop-suppressed start-up also
requires the analogue bias current to be enabled throughout the signal path prior to the VMID
reference voltage being applied. The WM8994 incorporates pop-suppression circuits which address
these requirements.
An alternate bias current source (Start-Up Bias) is provided for pop-free start-up; this is enabled by the
STARTUP_BIAS_ENA register bit. The start-up bias is selected (in place of the normal bias) using the
BIAS_SRC bit. It is recommended that the start-up bias is used during start-up, before switching back
to the higher quality, normal bias.
A soft-start circuit is provided in order to control the switch-on of the VMID reference. The soft-start
control circuit offers two slew rates for enabling the VMID reference; these are selected and enabled
by VMID_RAMP. When the soft-start circuit is enabled prior to enabling VMID_SEL, the reference
voltage rises smoothly, without the step change that would otherwise occur. It is recommended that
the soft-start circuit and the output signal path be enabled before VMID is enabled by VMID_SEL.
A soft shut-down is provided, using the soft-start control circuit and the start-up bias current generator.
The soft shut-down of VMID is achieved by setting VMID_RAMP, STARTUP_BIAS_ENA and
BIAS_SRC to select the start-up bias current and soft-start circuit prior to setting VMID_SEL=00.
Note that, if the VMID_RAMP function is enabled for soft start-up or soft shut-down then, after setting
VMID_SEL = 00 to disable VMID, the soft-start circuit must be reset before re-enabling VMID. The
soft-start circuit is reset by setting VMID_RAMP = 00. After resetting the soft-start circuit, the
VMID_RAMP register may be updated to the required setting for the next VMID transition.
The VMID soft-start register controls are defined in Table 137.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com