Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8994ECS/R Datasheet(PDF) 229 Page - Cirrus Logic

Part # WM8994ECS/R
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8994ECS/R Datasheet(HTML) 229 Page - Cirrus Logic

Back Button WM8994ECS/R Datasheet HTML 225Page - Cirrus Logic WM8994ECS/R Datasheet HTML 226Page - Cirrus Logic WM8994ECS/R Datasheet HTML 227Page - Cirrus Logic WM8994ECS/R Datasheet HTML 228Page - Cirrus Logic WM8994ECS/R Datasheet HTML 229Page - Cirrus Logic WM8994ECS/R Datasheet HTML 230Page - Cirrus Logic WM8994ECS/R Datasheet HTML 231Page - Cirrus Logic WM8994ECS/R Datasheet HTML 232Page - Cirrus Logic WM8994ECS/R Datasheet HTML 233Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 229 / 363 page
background image
WM8994
Rev 4.6
229
enabled. The LDO2 Cycle Time is illustrated in Figure 84 and defined in Table 130 for the
recommended external component conditions.
When LDO2 is disabled, the output can be left floating or can be actively discharged, depending on
the LDO2_DISCH control bit.
It is possible to supply DCVDD from an external supply. If DCVDD is supplied externally, the
LDO2ENA and LDO2DISCH bits should be set to 0. Note that the DBVDD voltage must be greater
than or equal to DCVDD; this ensures that there is no leakage path through the LDO for the external
supply.
An internal pull-down resistor is enabled by default on the LDO1ENA and LDO2ENA pins. These pull-
down resistors can be configured using the register bits described in Table 131.
Decoupling capacitors should be connected to the voltage reference pin, VREFC, and also to the LDO
outputs, AVDD1 and DCVDD. See “Applications Information” for further details.
The LDO Regulator connections and controls are illustrated in Figure 83. The register controls are
defined in Table 131.
AVDD2
VREFC
Voltage
Reference
LDO1VDD
LDO1
AVDD1
LDO2VDD
LDO2
DCVDD
WM8994 Digital
Core Supply
WM8994
Analogue Supply
LDO1ENA
LDO2ENA
LDO1_VSEL[2:0]
LDO1_DISCH
LDO2_VSEL[1:0]
LDO2_DISCH
Figure 83 LDO Regulators
LDOnENA
DCVDD or
AVDD1
tLDOn_CYCLE
tLDOn_START
Figure 84 LDO Enable/Disable Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com