Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8994ECS/R Datasheet(PDF) 225 Page - Cirrus Logic

Part # WM8994ECS/R
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8994ECS/R Datasheet(HTML) 225 Page - Cirrus Logic

Back Button WM8994ECS/R Datasheet HTML 221Page - Cirrus Logic WM8994ECS/R Datasheet HTML 222Page - Cirrus Logic WM8994ECS/R Datasheet HTML 223Page - Cirrus Logic WM8994ECS/R Datasheet HTML 224Page - Cirrus Logic WM8994ECS/R Datasheet HTML 225Page - Cirrus Logic WM8994ECS/R Datasheet HTML 226Page - Cirrus Logic WM8994ECS/R Datasheet HTML 227Page - Cirrus Logic WM8994ECS/R Datasheet HTML 228Page - Cirrus Logic WM8994ECS/R Datasheet HTML 229Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 225 / 363 page
background image
WM8994
Rev 4.6
225
WSEQ
INDEX
REGISTER
ADDRESS
WIDTH
START
DATA
DELAY
EOS
DESCRIPTION
19 (13h)
R57 (39h)
6 bits
Bit 1
27h
0h
0b
BIAS_SRC = 1
STARTUP_BIAS_ENA = 1
VMID_BUF_ENA = 1
VMID_RAMP[1:0] = 10b
(delay = 0.5625ms)
20 (14h)
R56 (38h)
1 bit
Bit 6
01h
0h
0b
HPOUT2_IN_ENA = 1
(delay = 0.5625ms)
21 (15h)
R31 (1Fh)
1 bit
Bit 5
00h
0h
1b
HPOUT2_MUTE = 0
(delay = 0.5625ms)
22 (16h)
R1 (01h)
1 bit
Bit 11
01h
0h
0b
HPOUT2_ENA = 1
(delay = 0.5625ms)
23 (17h)
R1 (01h)
3 bits
Bit 0
03h
Ch
0b
BIAS_ENA = 1
VMID_SEL[1:0] = 01b
(delay = 256.5ms)
24 (18h)
R57 (39h)
1 bit
Bit 1
00h
0h
0b
BIAS_SRC = 0
(delay = 0.5625ms)
Table 126 Earpiece Start-Up Default Sequence
Line Output Start-Up
The Line Output Start-Up sequence can be initiated by writing 8119h to Register 272 (0110h). This
single operation starts the Control Write Sequencer at Index Address 25 (19h) and executes the
sequence defined in Table 127.
This sequence takes approximately 517ms to run.
WSEQ
INDEX
REGISTER
ADDRESS
WIDTH
START
DATA
DELAY
EOS
DESCRIPTION
25 (19h)
R56 (38h)
2 bits
Bit 4
03h
0h
0b
LINEOUT2_DISCH = 1
LINEOUT1_DISCH = 1
(delay = 0.5625ms)
26 (1Ah)
R57 (39h)
6 bits
Bit 1
27h
0h
0b
BIAS_SRC = 1
STARTUP_BIAS_ENA = 1
VMID_BUF_ENA = 1
VMID_RAMP[1:0] = 10b
(delay = 0.5625ms)
27 (1Bh)
R56 (38h)
1 bit
Bit 7
01h
0h
0b
LINEOUT_VMID_BUF_ENA = 1
(delay = 0.5625ms)
28 (1Ch)
R3 (03h)
4 bits
Bit 10
0Fh
0h
0b
LINEOUT2P_ENA = 1
LINEOUT2N_ENA = 1
LINEOUT1P_ENA = 1
LINEOUT1N_ENA = 1
(delay = 0.5625ms)
29 (1Dh)
R56 (38h)
2 bits
Bit 4
00h
0h
0b
LINEOUT2_DISCH = 0
LINEOUT1_DISCH = 0
(delay = 0.5625ms)
30 (1Eh)
R1 (01h)
3 bits
Bit 0
03h
Dh
0b
BIAS_ENA = 1
VMID_SEL = 01b
(delay = 512.5ms)
31 (1Fh)
R57 (39h)
1 bit
Bit 1
00h
0h
0b
BIAS_SRC = 0
(delay = 0.5625ms)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com