Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8994ECS/R Datasheet(PDF) 226 Page - Cirrus Logic

Part # WM8994ECS/R
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8994ECS/R Datasheet(HTML) 226 Page - Cirrus Logic

Back Button WM8994ECS/R Datasheet HTML 222Page - Cirrus Logic WM8994ECS/R Datasheet HTML 223Page - Cirrus Logic WM8994ECS/R Datasheet HTML 224Page - Cirrus Logic WM8994ECS/R Datasheet HTML 225Page - Cirrus Logic WM8994ECS/R Datasheet HTML 226Page - Cirrus Logic WM8994ECS/R Datasheet HTML 227Page - Cirrus Logic WM8994ECS/R Datasheet HTML 228Page - Cirrus Logic WM8994ECS/R Datasheet HTML 229Page - Cirrus Logic WM8994ECS/R Datasheet HTML 230Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 226 / 363 page
background image
WM8994
226
Rev 4.6
WSEQ
INDEX
REGISTER
ADDRESS
WIDTH
START
DATA
DELAY
EOS
DESCRIPTION
32 (20h)
R30 (1Eh)
2 bits
Bit 5
00h
0h
0b
LINEOUT1P_MUTE = 0
LINEOUT1N_MUTE = 0
(delay = 0.5625ms)
33 (21h)
R30 (1Eh)
2 bits
Bit 1
00h
0h
1b
LINEOUT2P_MUTE = 0
LINEOUT2N_MUTE = 0
(delay = 0.5625ms)
Table 127 Line Output Start-Up Default Sequence
Speaker and Headphone Fast Shut-Down
The Speaker and Headphone Fast Shut-Down sequence can be initiated by writing 8122h to Register
272 (0110h). This single operation starts the Control Write Sequencer at Index Address 34 (22h) and
executes the sequence defined in Table 128.
This sequence takes approximately 37ms to run.
WSEQ
INDEX
REGISTER
ADDRESS
WIDTH
START
DATA
DELAY
EOS
DESCRIPTION
34 (22h)
R96 (60h)
7 bits
Bit 1
00h
0h
0b
HPOUT1R_DLY = 0
HPOUT1R_OUTP = 0
HPOUT1R_RMV_SHORT = 0
HPOUT1L_DLY = 0
HPOUT1L_OUTP = 0
HPOUT1L_RMV_SHORT = 0
(delay = 0.5625ms)
35 (23h)
R84 (54h)
2 bits
Bit 0
00h
0h
0b
DCS_ENA_CHAN_0 = 0
DCS_ENA_CHAN_1 = 0
(delay = 0.5625ms)
36 (24h)
R1 (01h)
2 bits
Bit 8
00h
0h
0b
HPOUT1R_ENA = 0
HPOUT1L_ENA = 0
(delay = 0.5625ms)
37 (25h)
R76 (4Ch)
1 bit
Bit 15
00h
0h
0b
CP_ENA = 0
(delay = 0.5625ms)
38 (26h)
R1 (01h)
2 bits
Bit 12
00h
0h
0b
SPKOUTL_ENA = 0
SPKOUTR_ENA = 0
(delay = 0.5625ms)
39 (27h)
R57 (39h)
6 bits
Bit 1
37h
0h
0b
BIAS_SRC = 1
STARTUP_BIAS_ENA = 1
VMID_BUF_ENA = 1
VMID_RAMP[1:0] = 11b
(delay = 0.5625ms)
40 (28h)
R1 (01h)
3 bits
Bit 0
00h
9h
0b
BIAS_ENA = 0
VMID_SEL = 00b
(delay = 32.5ms)
41 (29h)
R57 (39h)
6 bits
Bit 1
00h
0h
1b
BIAS_SRC = 0
STARTUP_BIAS_ENA = 0
VMID_BUF_ENA = 0
VMID_RAMP[1:0] = 00b
(delay = 0.5625ms)
Table 128 Speaker and Headphone Fast Shut-Down Default Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com