Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8994ECS/R Datasheet(PDF) 228 Page - Cirrus Logic

Part # WM8994ECS/R
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8994ECS/R Datasheet(HTML) 228 Page - Cirrus Logic

Back Button WM8994ECS/R Datasheet HTML 224Page - Cirrus Logic WM8994ECS/R Datasheet HTML 225Page - Cirrus Logic WM8994ECS/R Datasheet HTML 226Page - Cirrus Logic WM8994ECS/R Datasheet HTML 227Page - Cirrus Logic WM8994ECS/R Datasheet HTML 228Page - Cirrus Logic WM8994ECS/R Datasheet HTML 229Page - Cirrus Logic WM8994ECS/R Datasheet HTML 230Page - Cirrus Logic WM8994ECS/R Datasheet HTML 231Page - Cirrus Logic WM8994ECS/R Datasheet HTML 232Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 228 / 363 page
background image
WM8994
228
Rev 4.6
WSEQ
INDEX
REGISTER
ADDRESS
WIDTH
START
DATA
DELAY
EOS
DESCRIPTION
56 (38h)
R56 (38h)
1 bit
Bit 7
00h
0h
0b
LINEOUT_VMID_BUF_ENA = 0
(delay = 0.5625ms)
57 (39h)
R55 (37h)
1 bit
Bit 0
00h
0h
0b
VROI = 0
(delay = 0.5625ms)
58 (3Ah)
R57 (39h)
6 bits
Bit 1
00h
0h
1b
BIAS_SRC = 0
STARTUP_BIAS_ENA = 0
VMID_BUF_ENA = 0
VMID_RAMP[1:0] = 00b
(delay = 0.5625ms)
Table 129 Generic Shut-Down Default Sequence
LDO REGULATORS
The WM8994 provides two integrated Low Drop-Out Regulators (LDOs). These are provided to
generate the appropriate power supplies for internal circuits, simplifying and reducing the
requirements for external supplies and associated components. A reference circuit powered by
AVDD2 ensures the accuracy of the LDO regulator voltage settings.
Note that the integrated LDOs are only intended for generating the AVDD1 and DCVDD supply rails
for the WM8994; they are not suitable for powering any additional or external loads.
LDO1 is intended for generating AVDD1 - the primary analogue power domain of the WM8994. LDO1
is powered by LDO1VDD and
is enabled when a logic ‘1’ is applied to the LDO1ENA pin. The logic
level is determined with respect to the DBVDD voltage domain. The LDO1 start-up time is dependent
on the external AVDD1 and VREFC capacitors; the start-up time is illustrated in Figure 84 and defined
in Table 130 for the recommended external component conditions.
When LDO1 is enabled, the output voltage is controlled by the LDO1_VSEL register field. Note that
the LDO1 voltage difference LDO1VDD - AVDD1 must be higher than the LDO1 Drop-Out voltage
(see “Electrical Characteristics”).
LDO1 is disabled when a logic ‘0’ is applied to the LDO1ENA pin. After LDO1 has been disabled,
there is a minimum delay, defined as the LDO1 Cycle Time, during which LDO1 should not be re-
enabled. The LDO1 Cycle Time is illustrated in Figure 84 and defined in Table 130 for the
recommended external component conditions.
When LDO1 is disabled, the output can be left floating or can be actively discharged, depending on
the LDO1_DISCH control bit.
It is possible to supply AVDD1 from an external supply. If AVDD1 is supplied externally, then LDO1
should be disabled, and the LDO1 output left floating (LDO1DISCH = 0). Note that the LDO1VDD
voltage must be greater than or equal to AVDD1; this ensures that there is no leakage path through
the LDO for the external supply.
Note that the WM8994 can operate with AVDD1 tied to 0V; power consumption may be reduced, but
the analogue audio functions will not be supported.
LDO2 is intended for generating the DCVDD power domain which supplies the digital core functions
on the WM8994. LDO2 is powered by LDO2VDD and
is enabled when a logic ‘1’ is applied to the
LDO2ENA pin. The logic level is determined with respect to the DBVDD voltage domain. The LDO2
start-up time is dependent on the external DCVDD and VREFC capacitors; the start-up time is
illustrated in Figure 84 and defined in Table 130 for the recommended external component conditions.
When LDO2 is enabled, the output voltage is controlled by the LDO2_VSEL register field.
LD
O2 is disabled when a logic ‘0’ is applied to the LDO2ENA pin. After LDO2 has been disabled,
there is a minimum delay, defined as the LDO2 Cycle Time, during which LDO2 should not be re-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com