Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8994ECS/R Datasheet(PDF) 239 Page - Cirrus Logic

Part # WM8994ECS/R
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8994ECS/R Datasheet(HTML) 239 Page - Cirrus Logic

Back Button WM8994ECS/R Datasheet HTML 235Page - Cirrus Logic WM8994ECS/R Datasheet HTML 236Page - Cirrus Logic WM8994ECS/R Datasheet HTML 237Page - Cirrus Logic WM8994ECS/R Datasheet HTML 238Page - Cirrus Logic WM8994ECS/R Datasheet HTML 239Page - Cirrus Logic WM8994ECS/R Datasheet HTML 240Page - Cirrus Logic WM8994ECS/R Datasheet HTML 241Page - Cirrus Logic WM8994ECS/R Datasheet HTML 242Page - Cirrus Logic WM8994ECS/R Datasheet HTML 243Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 239 / 363 page
background image
WM8994
Rev 4.6
239
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R5 (0005h)
Power
Management
(5)
13
AIF2DACL_ENA
0
Enable AIF2DAC (Left) input path
0 = Disabled
1 = Enabled
12
AIF2DACR_ENA
0
Enable AIF2DAC (Right) input path
0 = Disabled
1 = Enabled
11
AIF1DAC2L_ENA
0
Enable AIF1DAC2 (Left) input path (AIF1,
Timeslot 1)
0 = Disabled
1 = Enabled
10
AIF1DAC2R_ENA
0
Enable AIF1DAC2 (Right) input path
(AIF1, Timeslot 1)
0 = Disabled
1 = Enabled
9
AIF1DAC1L_ENA
0
Enable AIF1DAC1 (Left) input path (AIF1,
Timeslot 0)
0 = Disabled
1 = Enabled
8
AIF1DAC1R_ENA
0
Enable AIF1DAC1 (Right) input path
(AIF1, Timeslot 0)
0 = Disabled
1 = Enabled
3
DAC2L_ENA
0
Left DAC2 Enable
0 = DAC disabled
1 = DAC enabled
2
DAC2R_ENA
0
Right DAC2 Enable
0 = DAC disabled
1 = DAC enabled
1
DAC1L_ENA
0
Left DAC1 Enable
0 = DAC disabled
1 = DAC enabled
0
DAC1R_ENA
0
Right DAC1 Enable
0 = DAC disabled
1 = DAC enabled
R76 (004Ch)
Charge Pump
(1)
15
CP_ENA
0
Enable charge-pump digits
0 = Disable
1 = Enable
R84 (0054h)
DC Servo (1)
1
DCS_ENA_CHAN
_1
0
DC Servo enable for HPOUT1R
0 = Disabled
1 = Enabled
0
DCS_ENA_CHAN
_0
0
DC Servo enable for HPOUT1L
0 = Disabled
1 = Enabled
R272 (0110h)
Write
Sequencer
Ctrl (1)
8
WSEQ_ENA
0
Write Sequencer Enable.
0 = Disabled
1 = Enabled
R512 (0200h)
AIF 1 Clocking
(1)
0
AIF1CLK_ENA
0
AIF1CLK Enable
0 = Disabled
1 = Enabled
R516 (0204h)
AIF 2 Clocking
(1)
0
AIF2CLK_ENA
0
AIF2CLK Enable
0 = Disabled
1 = Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com