Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8994ECS/R Datasheet(PDF) 241 Page - Cirrus Logic

Part # WM8994ECS/R
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8994ECS/R Datasheet(HTML) 241 Page - Cirrus Logic

Back Button WM8994ECS/R Datasheet HTML 237Page - Cirrus Logic WM8994ECS/R Datasheet HTML 238Page - Cirrus Logic WM8994ECS/R Datasheet HTML 239Page - Cirrus Logic WM8994ECS/R Datasheet HTML 240Page - Cirrus Logic WM8994ECS/R Datasheet HTML 241Page - Cirrus Logic WM8994ECS/R Datasheet HTML 242Page - Cirrus Logic WM8994ECS/R Datasheet HTML 243Page - Cirrus Logic WM8994ECS/R Datasheet HTML 244Page - Cirrus Logic WM8994ECS/R Datasheet HTML 245Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 241 / 363 page
background image
WM8994
Rev 4.6
241
THERMAL SHUTDOWN
The WM8994 incorporates a temperature sensor which detects when the device temperature is within
normal limits or if the device is approaching a hazardous temperature condition. The temperature
sensor can be configured to automatically disable the audio outputs of the WM8994 in response to an
overtemperature condition (approximately 150ºC).
The temperature status can be output directly on a GPIO pin,
as described in the “General Purpose
Input/Output
” section. The temperature sensor can also be used to generate Interrupt events, as
described in the “Interrupts” section. The GPIO and Interrupt functions can be used to indicate either a
Warning Temperature event or the Shutdown Temperature event.
The temperature sensor is enabled by setting the TSHUT_ENA register bit. When the TSHUT_OPDIS
is also set, then a device over-temperature condition will cause the speaker outputs (SPKOUTL and
SPKOUTR) of the WM8994 to be disabled; this response is likely to prevent any damage to the device
attributable to the large currents of the output drivers.
Note that, to prevent pops and clicks, TSHUT_ENA and TSHUT_OPDIS should only be updated
whilst the speaker and headphone outputs are disabled.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R2 (0002h)
Power
Management
(2)
14
TSHUT_ENA
1
Thermal sensor enable
0 = Disabled
1 = Enabled
13
TSHUT_OPDIS
1
Thermal shutdown control
(Causes audio outputs to be disabled
if an overtemperature occurs. The
thermal sensor must also be enabled.)
0 = Disabled
1 = Enabled
Table 139 Thermal Shutdown
POWER ON RESET
The WM8994 includes a Power-On Reset (POR) circuit, which is used to reset the digital logic into a
default state after power up. The POR circuit derives its output from AVDD2 and DCVDD. The internal
POR
¯¯¯ signal is asserted low when AVDD2 and DCVDD are below minimum thresholds.
The specific behaviour of the circuit will vary, depending on relative timing of the supply voltages.
Typical scenarios are illustrated in Figure 85 and Figure 86.
DCVDD
Vpord_on
0V
AVDD2
0V
Vpora
Vpora_off
LO
HI
Internal POR
Device ready
POR active
POR active
POR undefined
Vpora_on
Figure 85 Power On Reset Timing
– AVDD2 enabled/disabled first



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com