Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8994ECS/R Datasheet(PDF) 245 Page - Cirrus Logic

Part # WM8994ECS/R
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8994ECS/R Datasheet(HTML) 245 Page - Cirrus Logic

Back Button WM8994ECS/R Datasheet HTML 241Page - Cirrus Logic WM8994ECS/R Datasheet HTML 242Page - Cirrus Logic WM8994ECS/R Datasheet HTML 243Page - Cirrus Logic WM8994ECS/R Datasheet HTML 244Page - Cirrus Logic WM8994ECS/R Datasheet HTML 245Page - Cirrus Logic WM8994ECS/R Datasheet HTML 246Page - Cirrus Logic WM8994ECS/R Datasheet HTML 247Page - Cirrus Logic WM8994ECS/R Datasheet HTML 248Page - Cirrus Logic WM8994ECS/R Datasheet HTML 249Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 245 / 363 page
background image
WM8994
Rev 4.6
245
SOFTWARE RESET AND DEVICE ID
The device ID can be read back from register R0. Writing to this register will reset the device.
The software reset causes most control registers to be reset to their default state. Note that the
Control Write Sequencer registers R12288 (3000h) through to R12799 (31FFh) are not affected by a
software reset; the Control Sequences defined in these registers are retained unchanged.
The status of the WM8994 digital I/O pins following a software reset is described in Table 141.
The device revision can be read back from register R256.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R0 (0000h)
Software
Reset
15:0
SW_RESET
[15:0]
8994h
Writing to this register resets all registers
to their default state. (Note - Control
Write Sequencer registers are not
affected by Software Reset.)
Reading from this register will indicate
device family ID 8994h.
R256
(0100h)
Chip
Revision
3:0
CHIP_REV [3:0]
Chip revision
Table 144 Chip Reset and ID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com