Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8994ECS/R Datasheet(PDF) 247 Page - Cirrus Logic

Part # WM8994ECS/R
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8994ECS/R Datasheet(HTML) 247 Page - Cirrus Logic

Back Button WM8994ECS/R Datasheet HTML 243Page - Cirrus Logic WM8994ECS/R Datasheet HTML 244Page - Cirrus Logic WM8994ECS/R Datasheet HTML 245Page - Cirrus Logic WM8994ECS/R Datasheet HTML 246Page - Cirrus Logic WM8994ECS/R Datasheet HTML 247Page - Cirrus Logic WM8994ECS/R Datasheet HTML 248Page - Cirrus Logic WM8994ECS/R Datasheet HTML 249Page - Cirrus Logic WM8994ECS/R Datasheet HTML 250Page - Cirrus Logic WM8994ECS/R Datasheet HTML 251Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 247 / 363 page
background image
WM8994
Rev 4.6
247
REG
NAME
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
DEFAULT
R35 (23h)
SPKMIXR Attenuation
0
0
0
0
0
0
0
SPKO
UT_CL
ASSAB
0
DAC2R
_SPKM
IXR_V
OL
MIXIN
R_SPK
MIXR_
VOL
IN1RP
_SPKM
IXR_V
OL
MIXOU
TR_SP
KMIXR
_VOL
DAC1R
_SPKM
IXR_V
OL
SPKMIXR_VOL
[1:0]
0003h
R36 (24h)
SPKOUT Mixers
0
0
0
0
0
0
0
0
0
0
IN2LR
P_TO_
SPKO
UTL
SPKMI
XL_TO
_SPKO
UTL
SPKMI
XR_TO
_SPKO
UTL
IN2LR
P_TO_
SPKO
UTR
SPKMI
XL_TO
_SPKO
UTR
SPKMI
XR_TO
_SPKO
UTR
0011h
R37 (25h)
ClassD
0
0
0
0
0
0
0
1
0
1
SPKOUTL_BOOST [2:0] SPKOUTR_BOOST [2:0]
0140h
R38 (26h)
Speaker Volume Left
0
0
0
0
0
0
0
SPKO
UT_VU
SPKO
UTL_Z
C
SPKO
UTL_M
UTE_N
SPKOUTL_VOL [5:0]
0079h
R39 (27h)
Speaker Volume Right
0
0
0
0
0
0
0
SPKO
UT_VU
SPKO
UTR_Z
C
SPKO
UTR_
MUTE_
N
SPKOUTR_VOL [5:0]
0079h
R40 (28h)
Input Mixer (2)
0
0
0
0
0
0
0
0
IN2LP_
TO_IN
2L
IN2LN_
TO_IN
2L
IN1LP_
TO_IN
1L
IN1LN_
TO_IN
1L
IN2RP
_TO_I
N2R
IN2RN
_TO_I
N2R
IN1RP
_TO_I
N1R
IN1RN
_TO_I
N1R
0000h
R41 (29h)
Input Mixer (3)
0
0
0
0
0
0
0
IN2L_T
O_MIXI
NL
IN2L_
MIXINL
_VOL
0
IN1L_T
O_MIXI
NL
IN1L_
MIXINL
_VOL
0
MIXOUTL_MIXINL_VOL
[2:0]
0000h
R42 (2Ah)
Input Mixer (4)
0
0
0
0
0
0
0
IN2R_
TO_MI
XINR
IN2R_
MIXIN
R_VOL
0
IN1R_
TO_MI
XINR
IN1R_
MIXIN
R_VOL
0
MIXOUTR_MIXINR_VOL
[2:0]
0000h
R43 (2Bh)
Input Mixer (5)
0
0
0
0
0
0
0
IN1LP_MIXINL_VOL
[2:0]
0
0
0
IN2LRP_MIXINL_VOL
[2:0]
0000h
R44 (2Ch)
Input Mixer (6)
0
0
0
0
0
0
0
IN1RP_MIXINR_VOL
[2:0]
0
0
0
IN2LRP_MIXINR_VOL
[2:0]
0000h
R45 (2Dh)
Output Mixer (1)
0
0
0
0
0
0
0
DAC1L
_TO_H
POUT1
L
MIXIN
R_TO_
MIXOU
TL
MIXINL
_TO_M
IXOUT
L
IN2RN
_TO_M
IXOUT
L
IN2LN_
TO_MI
XOUTL
IN1R_
TO_MI
XOUTL
IN1L_T
O_MIX
OUTL
IN2LP_
TO_MI
XOUTL
DAC1L
_TO_M
IXOUT
L
0000h
R46 (2Eh)
Output Mixer (2)
0
0
0
0
0
0
0
DAC1R
_TO_H
POUT1
R
MIXINL
_TO_M
IXOUT
R
MIXIN
R_TO_
MIXOU
TR
IN2LN_
TO_MI
XOUT
R
IN2RN
_TO_M
IXOUT
R
IN1L_T
O_MIX
OUTR
IN1R_
TO_MI
XOUT
R
IN2RP
_TO_M
IXOUT
R
DAC1R
_TO_M
IXOUT
R
0000h
R47 (2Fh)
Output Mixer (3)
0
0
0
0
IN2LP_MIXOUTL_VOL
[2:0]
IN2LN_MIXOUTL_VOL
[2:0]
IN1R_MIXOUTL_VOL
[2:0]
IN1L_MIXOUTL_VOL
[2:0]
0000h
R48 (30h)
Output Mixer (4)
0
0
0
0
IN2RP_MIXOUTR_VOL
[2:0]
IN2RN_MIXOUTR_VOL
[2:0]
IN1L_MIXOUTR_VOL
[2:0]
IN1R_MIXOUTR_VOL
[2:0]
0000h
R49 (31h)
Output Mixer (5)
0
0
0
0
DAC1L_MIXOUTL_VOL
[2:0]
IN2RN_MIXOUTL_VOL
[2:0]
MIXINR_MIXOUTL_VOL
[2:0]
MIXINL_MIXOUTL_VOL
[2:0]
0000h
R50 (32h)
Output Mixer (6)
0
0
0
0
DAC1R_MIXOUTR_VOL
[2:0]
IN2LN_MIXOUTR_VOL
[2:0]
MIXINL_MIXOUTR_VOL
[2:0]
MIXINR_MIXOUTR_VOL
[2:0]
0000h
R51 (33h)
HPOUT2 Mixer
0
0
0
0
0
0
0
0
0
0
IN2LR
P_TO_
HPOU
T2
MIXOU
TLVOL
_TO_H
POUT2
MIXOU
TRVOL
_TO_H
POUT2
0
0
0
0000h
R52 (34h)
Line Mixer (1)
0
0
0
0
0
0
0
0
0
MIXOU
TL_TO
_LINE
OUT1N
MIXOU
TR_TO
_LINE
OUT1N
LINEO
UT1_M
ODE
0
IN1R_
TO_LI
NEOU
T1P
IN1L_T
O_LIN
EOUT1
P
MIXOU
TL_TO
_LINE
OUT1P
0000h
R53 (35h)
Line Mixer (2)
0
0
0
0
0
0
0
0
0
MIXOU
TR_TO
_LINE
OUT2N
MIXOU
TL_TO
_LINE
OUT2N
LINEO
UT2_M
ODE
0
IN1L_T
O_LIN
EOUT2
P
IN1R_
TO_LI
NEOU
T2P
MIXOU
TR_TO
_LINE
OUT2P
0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com