Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8994ECS/R Datasheet(PDF) 251 Page - Cirrus Logic

Part # WM8994ECS/R
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8994ECS/R Datasheet(HTML) 251 Page - Cirrus Logic

Back Button WM8994ECS/R Datasheet HTML 247Page - Cirrus Logic WM8994ECS/R Datasheet HTML 248Page - Cirrus Logic WM8994ECS/R Datasheet HTML 249Page - Cirrus Logic WM8994ECS/R Datasheet HTML 250Page - Cirrus Logic WM8994ECS/R Datasheet HTML 251Page - Cirrus Logic WM8994ECS/R Datasheet HTML 252Page - Cirrus Logic WM8994ECS/R Datasheet HTML 253Page - Cirrus Logic WM8994ECS/R Datasheet HTML 254Page - Cirrus Logic WM8994ECS/R Datasheet HTML 255Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 251 / 363 page
background image
WM8994
Rev 4.6
251
REG
NAME
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
DEFAULT
R1058 (422h) AIF1 DAC2 Filters (1)
0
0
0
0
0
0
AIF1D
AC2_M
UTE
0
AIF1D
AC2_M
ONO
0
AIF1D
AC2_M
UTERA
TE
AIF1D
AC2_U
NMUT
E_RA
MP
0
AIF1DAC2_DE
EMP [1:0]
0
0200h
R1059 (423h) AIF1 DAC2 Filters (2)
0
0
AIF1DAC2_3D_GAIN [4:0]
AIF1D
AC2_3
D_ENA
0
0
0
1
0
0
0
0
0010h
R1088 (440h) AIF1 DRC1 (1)
AIF1DRC1_SIG_DET_RMS [4:0]
AIF1DRC1_SIG
_DET_PK [1:0]
AIF1D
RC1_N
G_ENA
AIF1D
RC1_S
IG_DE
T_MO
DE
AIF1D
RC1_S
IG_DE
T
AIF1D
RC1_K
NEE2_
OP_EN
A
AIF1D
RC1_Q
R
AIF1D
RC1_A
NTICLI
P
AIF1D
AC1_D
RC_EN
A
AIF1A
DC1L_
DRC_E
NA
AIF1A
DC1R_
DRC_E
NA
0098h
R1089 (441h) AIF1 DRC1 (2)
0
0
0
AIF1DRC1_ATK [3:0]
AIF1DRC1_DCY [3:0]
AIF1DRC1_MINGAIN
[2:0]
AIF1DRC1_MA
XGAIN [1:0]
0845h
R1090 (442h) AIF1 DRC1 (3)
AIF1DRC1_NG_MINGAIN [3:0] AIF1DRC1_NG
_EXP [1:0]
AIF1DRC1_QR
_THR [1:0]
AIF1DRC1_QR
_DCY [1:0]
AIF1DRC1_HI_COMP
[2:0]
AIF1DRC1_LO_COMP
[2:0]
0000h
R1091 (443h) AIF1 DRC1 (4)
0
0
0
0
0
AIF1DRC1_KNEE_IP [5:0]
AIF1DRC1_KNEE_OP [4:0]
0000h
R1092 (444h) AIF1 DRC1 (5)
0
0
0
0
0
0
AIF1DRC1_KNEE2_IP [4:0]
AIF1DRC1_KNEE2_OP [4:0]
0000h
R1104 (450h) AIF1 DRC2 (1)
AIF1DRC2_SIG_DET_RMS [4:0]
AIF1DRC2_SIG
_DET_PK [1:0]
AIF1D
RC2_N
G_ENA
AIF1D
RC2_S
IG_DE
T_MO
DE
AIF1D
RC2_S
IG_DE
T
AIF1D
RC2_K
NEE2_
OP_EN
A
AIF1D
RC2_Q
R
AIF1D
RC2_A
NTICLI
P
AIF1D
AC2_D
RC_EN
A
AIF1A
DC2L_
DRC_E
NA
AIF1A
DC2R_
DRC_E
NA
0098h
R1105 (451h) AIF1 DRC2 (2)
0
0
0
AIF1DRC2_ATK [3:0]
AIF1DRC2_DCY [3:0]
AIF1DRC2_MINGAIN
[2:0]
AIF1DRC2_MA
XGAIN [1:0]
0845h
R1106 (452h) AIF1 DRC2 (3)
AIF1DRC2_NG_MINGAIN [3:0] AIF1DRC2_NG
_EXP [1:0]
AIF1DRC2_QR
_THR [1:0]
AIF1DRC2_QR
_DCY [1:0]
AIF1DRC2_HI_COMP
[2:0]
AIF1DRC2_LO_COMP
[2:0]
0000h
R1107 (453h) AIF1 DRC2 (4)
0
0
0
0
0
AIF1DRC2_KNEE_IP [5:0]
AIF1DRC2_KNEE_OP [4:0]
0000h
R1108 (454h) AIF1 DRC2 (5)
0
0
0
0
0
0
AIF1DRC2_KNEE2_IP [4:0]
AIF1DRC2_KNEE2_OP [4:0]
0000h
R1152 (480h) AIF1 DAC1 EQ Gains
(1)
AIF1DAC1_EQ_B1_GAIN [4:0]
AIF1DAC1_EQ_B2_GAIN [4:0]
AIF1DAC1_EQ_B3_GAIN [4:0]
AIF1D
AC1_E
Q_ENA
6318h
R1153 (481h) AIF1 DAC1 EQ Gains
(2)
AIF1DAC1_EQ_B4_GAIN [4:0]
AIF1DAC1_EQ_B5_GAIN [4:0]
0
0
0
0
0
0
6300h
R1154 (482h) AIF1 DAC1 EQ Band
1 A
AIF1DAC1_EQ_B1_A [15:0]
0FCAh
R1155 (483h) AIF1 DAC1 EQ Band
1 B
AIF1DAC1_EQ_B1_B [15:0]
0400h
R1156 (484h) AIF1 DAC1 EQ Band
1 PG
AIF1DAC1_EQ_B1_PG [15:0]
00D8h
R1157 (485h) AIF1 DAC1 EQ Band
2 A
AIF1DAC1_EQ_B2_A [15:0]
1EB5h
R1158 (486h) AIF1 DAC1 EQ Band
2 B
AIF1DAC1_EQ_B2_B [15:0]
F145h
R1159 (487h) AIF1 DAC1 EQ Band
2 C
AIF1DAC1_EQ_B2_C [15:0]
0B75h
R1160 (488h) AIF1 DAC1 EQ Band
2 PG
AIF1DAC1_EQ_B2_PG [15:0]
01C5h
R1161 (489h) AIF1 DAC1 EQ Band
3 A
AIF1DAC1_EQ_B3_A [15:0]
1C58h
R1162 (48Ah) AIF1 DAC1 EQ Band
3 B
AIF1DAC1_EQ_B3_B [15:0]
F373h
R1163 (48Bh) AIF1 DAC1 EQ Band
3 C
AIF1DAC1_EQ_B3_C [15:0]
0A54h
R1164 (48Ch) AIF1 DAC1 EQ Band
3 PG
AIF1DAC1_EQ_B3_PG [15:0]
0558h
R1165 (48Dh) AIF1 DAC1 EQ Band
4 A
AIF1DAC1_EQ_B4_A [15:0]
168Eh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com