Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8994ECS/R Datasheet(PDF) 255 Page - Cirrus Logic

Part # WM8994ECS/R
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8994ECS/R Datasheet(HTML) 255 Page - Cirrus Logic

Back Button WM8994ECS/R Datasheet HTML 251Page - Cirrus Logic WM8994ECS/R Datasheet HTML 252Page - Cirrus Logic WM8994ECS/R Datasheet HTML 253Page - Cirrus Logic WM8994ECS/R Datasheet HTML 254Page - Cirrus Logic WM8994ECS/R Datasheet HTML 255Page - Cirrus Logic WM8994ECS/R Datasheet HTML 256Page - Cirrus Logic WM8994ECS/R Datasheet HTML 257Page - Cirrus Logic WM8994ECS/R Datasheet HTML 258Page - Cirrus Logic WM8994ECS/R Datasheet HTML 259Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 255 / 363 page
background image
WM8994
Rev 4.6
255
REG
NAME
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
DEFAULT
R1799 (707h) GPIO 8
GP8_D
IR
GP8_P
U
GP8_P
D
0
0
GP8_P
OL
GP8_O
P_CFG
GP8_D
B
0
GP8_L
VL
0
GP8_FN [4:0]
A101h
R1800 (708h) GPIO 9
GP9_D
IR
GP9_P
U
GP9_P
D
0
0
GP9_P
OL
GP9_O
P_CFG
GP9_D
B
0
GP9_L
VL
0
GP9_FN [4:0]
A101h
R1801 (709h) GPIO 10
GP10_
DIR
GP10_
PU
GP10_
PD
0
0
GP10_
POL
GP10_
OP_CF
G
GP10_
DB
0
GP10_
LVL
0
GP10_FN [4:0]
A101h
R1802 (70Ah) GPIO 11
GP11_
DIR
GP11_
PU
GP11_
PD
0
0
GP11_
POL
GP11_
OP_CF
G
GP11_
DB
0
GP11_
LVL
0
GP11_FN [4:0]
A101h
R1824 (720h) Pull Control (1)
0
0
0
0
DMICD
AT2_P
U
DMICD
AT2_P
D
DMICD
AT1_P
U
DMICD
AT1_P
D
MCLK1
_PU
MCLK1
_PD
DACD
AT1_P
U
DACD
AT1_P
D
DACLR
CLK1_
PU
DACLR
CLK1_
PD
BCLK1
_PU
BCLK1
_PD
0000h
R1825 (721h) Pull Control (2)
0
0
0
0
0
0
0
CSNA
DDR_P
D
0
LDO2E
NA_PD
0
LDO1E
NA_PD
0
CIFMO
DE_PD
SPKM
ODE_P
U
0
0156h
R1840 (730h) Interrupt Status 1
0
0
0
0
0
GP11_
EINT
GP10_
EINT
GP9_E
INT
GP8_E
INT
GP7_E
INT
GP6_E
INT
GP5_E
INT
GP4_E
INT
GP3_E
INT
GP2_E
INT
GP1_E
INT
0000h
R1841 (731h) Interrupt Status 2
TEMP_
WARN
_EINT
DCS_D
ONE_E
INT
WSEQ
_DON
E_EIN
T
FIFOS
_ERR_
EINT
AIF2D
RC_SI
G_DET
_EINT
AIF1D
RC2_S
IG_DE
T_EIN
T
AIF1D
RC1_S
IG_DE
T_EIN
T
SRC2_
LOCK_
EINT
SRC1_
LOCK_
EINT
FLL2_L
OCK_E
INT
FLL1_L
OCK_E
INT
MIC2_
SHRT_
EINT
MIC2_
DET_E
INT
MIC1_
SHRT_
EINT
MIC1_
DET_E
INT
TEMP_
SHUT_
EINT
0000h
R1842 (732h) Interrupt Raw Status 2 TEMP_
WARN
_STS
DCS_D
ONE_S
TS
WSEQ
_DON
E_STS
FIFOS
_ERR_
STS
AIF2D
RC_SI
G_DET
_STS
AIF1D
RC2_S
IG_DE
T_STS
AIF1D
RC1_S
IG_DE
T_STS
SRC2_
LOCK_
STS
SRC1_
LOCK_
STS
FLL2_L
OCK_S
TS
FLL1_L
OCK_S
TS
MIC2_
SHRT_
STS
MIC2_
DET_S
TS
MIC1_
SHRT_
STS
MIC1_
DET_S
TS
TEMP_
SHUT_
STS
0000h
R1848 (738h) Interrupt Status 1
Mask
0
0
0
0
0
IM_GP
11_EIN
T
IM_GP
10_EIN
T
IM_GP
9_EINT
IM_GP
8_EINT
IM_GP
7_EINT
IM_GP
6_EINT
IM_GP
5_EINT
IM_GP
4_EINT
IM_GP
3_EINT
IM_GP
2_EINT
IM_GP
1_EINT
07FFh
R1849 (739h) Interrupt Status 2
Mask
IM_TE
MP_W
ARN_E
INT
IM_DC
S_DON
E_EIN
T
IM_WS
EQ_D
ONE_E
INT
IM_FIF
OS_ER
R_EIN
T
IM_AIF
2DRC_
SIG_D
ET_EI
NT
IM_AIF
1DRC2
_SIG_
DET_E
INT
IM_AIF
1DRC1
_SIG_
DET_E
INT
IM_SR
C2_LO
CK_EI
NT
IM_SR
C1_LO
CK_EI
NT
IM_FLL
2_LOC
K_EIN
T
IM_FLL
1_LOC
K_EIN
T
IM_MI
C2_SH
RT_EI
NT
IM_MI
C2_DE
T_EIN
T
IM_MI
C1_SH
RT_EI
NT
IM_MI
C1_DE
T_EIN
T
IM_TE
MP_S
HUT_E
INT
FFFFh
R1856 (740h) Interrupt Control
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
IM_IR
Q
0000h
R1864 (748h) IRQ Debounce
0
0
0
0
0
0
0
0
0
0
TEMP_
WARN
_DB
MIC2_
SHRT_
DB
MIC2_
DET_D
B
MIC1_
SHRT_
DB
MIC1_
DET_D
B
TEMP_
SHUT_
DB
003Fh
R12288
(3000h)
Write Sequencer 0
0
0
WSEQ_ADDR0 [13:0]
0039h
R12289
(3001h)
Write Sequencer 1
0
0
0
0
0
0
0
0
WSEQ_DATA0 [7:0]
001Bh
R12290
(3002h)
Write Sequencer 2
0
0
0
0
0
WSEQ_DATA_WIDTH0
[2:0]
0
0
0
0
WSEQ_DATA_START0 [3:0]
0402h
R12291
(3003h)
Write Sequencer 3
0
0
0
0
0
0
0
WSEQ
_EOS0
0
0
0
0
WSEQ_DELAY0 [3:0]
0000h
R12292
(3004h)
Write Sequencer 4
0
0
WSEQ_ADDR1 [13:0]
0001h
R12293
(3005h)
Write Sequencer 5
0
0
0
0
0
0
0
0
WSEQ_DATA1 [7:0]
0003h
R12294
(3006h)
Write Sequencer 6
0
0
0
0
0
WSEQ_DATA_WIDTH1
[2:0]
0
0
0
0
WSEQ_DATA_START1 [3:0]
0200h
R12295
(3007h)
Write Sequencer 7
0
0
0
0
0
0
0
WSEQ
_EOS1
0
0
0
0
WSEQ_DELAY1 [3:0]
0009h
(Repeated for WSEQ ADDR 2 … 126)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com