Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8994ECS/R Datasheet(PDF) 253 Page - Cirrus Logic

Part # WM8994ECS/R
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8994ECS/R Datasheet(HTML) 253 Page - Cirrus Logic

Back Button WM8994ECS/R Datasheet HTML 249Page - Cirrus Logic WM8994ECS/R Datasheet HTML 250Page - Cirrus Logic WM8994ECS/R Datasheet HTML 251Page - Cirrus Logic WM8994ECS/R Datasheet HTML 252Page - Cirrus Logic WM8994ECS/R Datasheet HTML 253Page - Cirrus Logic WM8994ECS/R Datasheet HTML 254Page - Cirrus Logic WM8994ECS/R Datasheet HTML 255Page - Cirrus Logic WM8994ECS/R Datasheet HTML 256Page - Cirrus Logic WM8994ECS/R Datasheet HTML 257Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 253 / 363 page
background image
WM8994
Rev 4.6
253
REG
NAME
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
DEFAULT
R1282 (502h) AIF2 DAC Left
Volume
0
0
0
0
0
0
0
AIF2D
AC_VU
AIF2DACL_VOL [7:0]
00C0h
R1283 (503h) AIF2 DAC Right
Volume
0
0
0
0
0
0
0
AIF2D
AC_VU
AIF2DACR_VOL [7:0]
00C0h
R1296 (510h) AIF2 ADC Filters
0
AIF2ADC_HPF_
CUT [1:0]
AIF2A
DCL_H
PF
AIF2A
DCR_
HPF
0
0
0
0
0
0
0
0
0
0
0
0000h
R1312 (520h) AIF2 DAC Filters (1)
0
0
0
0
0
0
AIF2D
AC_M
UTE
0
AIF2D
AC_M
ONO
0
AIF2D
AC_M
UTERA
TE
AIF2D
AC_UN
MUTE_
RAMP
0
AIF2DAC_DEE
MP [1:0]
0
0200h
R1313 (521h) AIF2 DAC Filters (2)
0
0
AIF2DAC_3D_GAIN [4:0]
AIF2D
AC_3D
_ENA
0
0
0
1
0
0
0
0
0010h
R1344 (540h) AIF2 DRC (1)
AIF2DRC_SIG_DET_RMS [4:0]
AIF2DRC_SIG_
DET_PK [1:0]
AIF2D
RC_N
G_ENA
AIF2D
RC_SI
G_DET
_MOD
E
AIF2D
RC_SI
G_DET
AIF2D
RC_KN
EE2_O
P_ENA
AIF2D
RC_Q
R
AIF2D
RC_AN
TICLIP
AIF2D
AC_DR
C_ENA
AIF2A
DCL_D
RC_EN
A
AIF2A
DCR_
DRC_E
NA
0098h
R1345 (541h) AIF2 DRC (2)
0
0
0
AIF2DRC_ATK [3:0]
AIF2DRC_DCY [3:0]
AIF2DRC_MINGAIN
[2:0]
AIF2DRC_MAX
GAIN [1:0]
0845h
R1346 (542h) AIF2 DRC (3)
AIF2DRC_NG_MINGAIN [3:0]
AIF2DRC_NG_
EXP [1:0]
AIF2DRC_QR_
THR [1:0]
AIF2DRC_QR_
DCY [1:0]
AIF2DRC_HI_COMP
[2:0]
AIF2DRC_LO_COMP
[2:0]
0000h
R1347 (543h) AIF2 DRC (4)
0
0
0
0
0
AIF2DRC_KNEE_IP [5:0]
AIF2DRC_KNEE_OP [4:0]
0000h
R1348 (544h) AIF2 DRC (5)
0
0
0
0
0
0
AIF2DRC_KNEE2_IP [4:0]
AIF2DRC_KNEE2_OP [4:0]
0000h
R1408 (580h) AIF2 EQ Gains (1)
AIF2DAC_EQ_B1_GAIN [4:0]
AIF2DAC_EQ_B2_GAIN [4:0]
AIF2DAC_EQ_B3_GAIN [4:0]
AIF2D
AC_EQ
_ENA
6318h
R1409 (581h) AIF2 EQ Gains (2)
AIF2DAC_EQ_B4_GAIN [4:0]
AIF2DAC_EQ_B5_GAIN [4:0]
0
0
0
0
0
0
6300h
R1410 (582h) AIF2 EQ Band 1 A
AIF2DAC_EQ_B1_A [15:0]
0FCAh
R1411 (583h) AIF2 EQ Band 1 B
AIF2DAC_EQ_B1_B [15:0]
0400h
R1412 (584h) AIF2 EQ Band 1 PG
AIF2DAC_EQ_B1_PG [15:0]
00D8h
R1413 (585h) AIF2 EQ Band 2 A
AIF2DAC_EQ_B2_A [15:0]
1EB5h
R1414 (586h) AIF2 EQ Band 2 B
AIF2DAC_EQ_B2_B [15:0]
F145h
R1415 (587h) AIF2 EQ Band 2 C
AIF2DAC_EQ_B2_C [15:0]
0B75h
R1416 (588h) AIF2 EQ Band 2 PG
AIF2DAC_EQ_B2_PG [15:0]
01C5h
R1417 (589h) AIF2 EQ Band 3 A
AIF2DAC_EQ_B3_A [15:0]
1C58h
R1418 (58Ah) AIF2 EQ Band 3 B
AIF2DAC_EQ_B3_B [15:0]
F373h
R1419 (58Bh) AIF2 EQ Band 3 C
AIF2DAC_EQ_B3_C [15:0]
0A54h
R1420 (58Ch) AIF2 EQ Band 3 PG
AIF2DAC_EQ_B3_PG [15:0]
0558h
R1421 (58Dh) AIF2 EQ Band 4 A
AIF2DAC_EQ_B4_A [15:0]
168Eh
R1422 (58Eh) AIF2 EQ Band 4 B
AIF2DAC_EQ_B4_B [15:0]
F829h
R1423 (58Fh) AIF2 EQ Band 4 C
AIF2DAC_EQ_B4_C [15:0]
07ADh
R1424 (590h) AIF2 EQ Band 4 PG
AIF2DAC_EQ_B4_PG [15:0]
1103h
R1425 (591h) AIF2 EQ Band 5 A
AIF2DAC_EQ_B5_A [15:0]
0564h
R1426 (592h) AIF2 EQ Band 5 B
AIF2DAC_EQ_B5_B [15:0]
0559h
R1427 (593h) AIF2 EQ Band 5 PG
AIF2DAC_EQ_B5_PG [15:0]
4000h
R1536 (600h) DAC1 Mixer Volumes
0
0
0
0
0
0
0
ADCR_DAC1_VOL [3:0]
0
ADCL_DAC1_VOL [3:0]
0000h
R1537 (601h) DAC1 Left Mixer
Routing
0
0
0
0
0
0
0
0
0
0
ADCR_
TO_DA
C1L
ADCL_
TO_DA
C1L
0
AIF2D
ACL_T
O_DA
C1L
AIF1D
AC2L_
TO_DA
C1L
AIF1D
AC1L_
TO_DA
C1L
0000h
R1538 (602h) DAC1 Right Mixer
Routing
0
0
0
0
0
0
0
0
0
0
ADCR_
TO_DA
C1R
ADCL_
TO_DA
C1R
0
AIF2D
ACR_T
O_DA
C1R
AIF1D
AC2R_
TO_DA
C1R
AIF1D
AC1R_
TO_DA
C1R
0000h
R1539 (603h) DAC2 Mixer Volumes
0
0
0
0
0
0
0
ADCR_DAC2_VOL [3:0]
0
ADCL_DAC2_VOL [3:0]
0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com