Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8994ECS/R Datasheet(PDF) 250 Page - Cirrus Logic

Part # WM8994ECS/R
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8994ECS/R Datasheet(HTML) 250 Page - Cirrus Logic

Back Button WM8994ECS/R Datasheet HTML 246Page - Cirrus Logic WM8994ECS/R Datasheet HTML 247Page - Cirrus Logic WM8994ECS/R Datasheet HTML 248Page - Cirrus Logic WM8994ECS/R Datasheet HTML 249Page - Cirrus Logic WM8994ECS/R Datasheet HTML 250Page - Cirrus Logic WM8994ECS/R Datasheet HTML 251Page - Cirrus Logic WM8994ECS/R Datasheet HTML 252Page - Cirrus Logic WM8994ECS/R Datasheet HTML 253Page - Cirrus Logic WM8994ECS/R Datasheet HTML 254Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 250 / 363 page
background image
WM8994
250
Rev 4.6
REG
NAME
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
DEFAULT
R786 (312h) AIF2 Master/Slave
AIF2_T
RI
AIF2_
MSTR
AIF2_C
LK_FR
C
AIF2_L
RCLK_
FRC
0
0
0
0
0
0
0
0
0
0
0
0
0000h
R787 (313h) AIF2 BCLK
0
0
0
0
0
0
0
AIF2_BCLK_DIV [4:0]
0
0
0
0
0040h
R788 (314h) AIF2ADC LRCLK
0
0
0
0
AIF2A
DC_LR
CLK_D
IR
AIF2ADC_RATE [10:0]
0040h
R789 (315h) AIF2DAC LRCLK
0
0
0
0
AIF2D
AC_LR
CLK_D
IR
AIF2DAC_RATE [10:0]
0040h
R790 (316h) AIF2DAC Data
0
0
0
0
0
0
0
0
0
0
0
0
0
0
AIF2D
ACL_D
AT_IN
V
AIF2D
ACR_D
AT_IN
V
0000h
R791 (317h) AIF2ADC Data
0
0
0
0
0
0
0
0
0
0
0
0
0
0
AIF2A
DCL_D
AT_IN
V
AIF2A
DCR_
DAT_I
NV
0000h
R1024 (400h) AIF1 ADC1 Left
Volume
0
0
0
0
0
0
0
AIF1A
DC1_V
U
AIF1ADC1L_VOL [7:0]
00C0h
R1025 (401h) AIF1 ADC1 Right
Volume
0
0
0
0
0
0
0
AIF1A
DC1_V
U
AIF1ADC1R_VOL [7:0]
00C0h
R1026 (402h) AIF1 DAC1 Left
Volume
0
0
0
0
0
0
0
AIF1D
AC1_V
U
AIF1DAC1L_VOL [7:0]
00C0h
R1027 (403h) AIF1 DAC1 Right
Volume
0
0
0
0
0
0
0
AIF1D
AC1_V
U
AIF1DAC1R_VOL [7:0]
00C0h
R1028 (404h) AIF1 ADC2 Left
Volume
0
0
0
0
0
0
0
AIF1A
DC2_V
U
AIF1ADC2L_VOL [7:0]
00C0h
R1029 (405h) AIF1 ADC2 Right
Volume
0
0
0
0
0
0
0
AIF1A
DC2_V
U
AIF1ADC2R_VOL [7:0]
00C0h
R1030 (406h) AIF1 DAC2 Left
Volume
0
0
0
0
0
0
0
AIF1D
AC2_V
U
AIF1DAC2L_VOL [7:0]
00C0h
R1031 (407h) AIF1 DAC2 Right
Volume
0
0
0
0
0
0
0
AIF1D
AC2_V
U
AIF1DAC2R_VOL [7:0]
00C0h
R1040 (410h) AIF1 ADC1 Filters
AIF1A
DC_4F
S
AIF1ADC1_HPF
_CUT [1:0]
AIF1A
DC1L_
HPF
AIF1A
DC1R_
HPF
0
0
0
0
0
0
0
0
0
0
0
0000h
R1041 (411h) AIF1 ADC2 Filters
0
AIF1ADC2_HPF
_CUT [1:0]
AIF1A
DC2L_
HPF
AIF1A
DC2R_
HPF
0
0
0
0
0
0
0
0
0
0
0
0000h
R1056 (420h) AIF1 DAC1 Filters (1)
0
0
0
0
0
0
AIF1D
AC1_M
UTE
0
AIF1D
AC1_M
ONO
0
AIF1D
AC1_M
UTERA
TE
AIF1D
AC1_U
NMUT
E_RA
MP
0
AIF1DAC1_DE
EMP [1:0]
0
0200h
R1057 (421h) AIF1 DAC1 Filters (2)
0
0
AIF1DAC1_3D_GAIN [4:0]
AIF1D
AC1_3
D_ENA
0
0
0
1
0
0
0
0
0010h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com