Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8994ECS/R Datasheet(PDF) 249 Page - Cirrus Logic

Part # WM8994ECS/R
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8994ECS/R Datasheet(HTML) 249 Page - Cirrus Logic

Back Button WM8994ECS/R Datasheet HTML 245Page - Cirrus Logic WM8994ECS/R Datasheet HTML 246Page - Cirrus Logic WM8994ECS/R Datasheet HTML 247Page - Cirrus Logic WM8994ECS/R Datasheet HTML 248Page - Cirrus Logic WM8994ECS/R Datasheet HTML 249Page - Cirrus Logic WM8994ECS/R Datasheet HTML 250Page - Cirrus Logic WM8994ECS/R Datasheet HTML 251Page - Cirrus Logic WM8994ECS/R Datasheet HTML 252Page - Cirrus Logic WM8994ECS/R Datasheet HTML 253Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 249 / 363 page
background image
WM8994
Rev 4.6
249
REG
NAME
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
DEFAULT
R521 (209h) Clocking (2)
0
0
0
0
0
TOCLK_DIV [2:0]
0
DBCLK_DIV [2:0]
0
OPCLK_DIV [2:0]
0000h
R528 (210h) AIF1 Rate
0
0
0
0
0
0
0
0
AIF1_SR [3:0]
AIF1CLK_RATE [3:0]
0083h
R529 (211h) AIF2 Rate
0
0
0
0
0
0
0
0
AIF2_SR [3:0]
AIF2CLK_RATE [3:0]
0083h
R530 (212h) Rate Status
0
0
0
0
0
0
0
0
0
0
0
0
SR_ERROR [3:0]
0000h
R544 (220h) FLL1 Control (1)
0
0
0
0
0
0
0
0
0
0
0
0
0
0
FLL1_
OSC_E
NA
FLL1_
ENA
0000h
R545 (221h) FLL1 Control (2)
0
0
FLL1_OUTDIV [5:0]
0
0
0
0
0
FLL1_FRATIO [2:0]
0000h
R546 (222h) FLL1 Control (3)
FLL1_K [15:0]
0000h
R547 (223h) FLL1 Control (4)
0
FLL1_N [9:0]
0
0
0
0
0
0000h
R548 (224h) FLL1 Control (5)
0
0
0
FLL1_FRC_NCO_VAL [5:0]
FLL1_
FRC_N
CO
0
FLL1_REFCLK_
DIV [1:0]
0
FLL1_REFCLK_
SRC [1:0]
0C80h
R576 (240h) FLL2 Control (1)
0
0
0
0
0
0
0
0
0
0
0
0
0
0
FLL2_
OSC_E
NA
FLL2_
ENA
0000h
R577 (241h) FLL2 Control (2)
0
0
FLL2_OUTDIV [5:0]
0
0
0
0
0
FLL2_FRATIO [2:0]
0000h
R578 (242h) FLL2 Control (3)
FLL2_K [15:0]
0000h
R579 (243h) FLL2 Control (4)
0
FLL2_N [9:0]
0
0
0
0
0
0000h
R580 (244h) FLL2 Control (5)
0
0
0
FLL2_FRC_NCO_VAL [5:0]
FLL2_
FRC_N
CO
0
FLL2_REFCLK_
DIV [1:0]
0
FLL2_REFCLK_
SRC [1:0]
0C80h
R768 (300h) AIF1 Control (1)
AIF1A
DCL_S
RC
AIF1A
DCR_S
RC
AIF1A
DC_TD
M
0
0
0
0
AIF1_B
CLK_I
NV
AIF1_L
RCLK_
INV
AIF1_WL [1:0] AIF1_FMT [1:0]
0
0
0
4050h
R769 (301h) AIF1 Control (2)
AIF1D
ACL_S
RC
AIF1D
ACR_S
RC
0
0
AIF1DAC_BOO
ST [1:0]
0
AIF1_
MONO
0
0
0
AIF1D
AC_C
OMP
AIF1D
AC_C
OMPM
ODE
AIF1A
DC_C
OMP
AIF1A
DC_C
OMPM
ODE
AIF1_L
OOPB
ACK
4000h
R770 (302h) AIF1 Master/Slave
AIF1_T
RI
AIF1_
MSTR
AIF1_C
LK_FR
C
AIF1_L
RCLK_
FRC
0
0
0
0
0
0
0
0
0
0
0
0
0000h
R771 (303h) AIF1 BCLK
0
0
0
0
0
0
0
AIF1_BCLK_DIV [4:0]
0
0
0
0
0040h
R772 (304h) AIF1ADC LRCLK
0
0
0
0
AIF1A
DC_LR
CLK_D
IR
AIF1ADC_RATE [10:0]
0040h
R773 (305h) AIF1DAC LRCLK
0
0
0
0
AIF1D
AC_LR
CLK_D
IR
AIF1DAC_RATE [10:0]
0040h
R774 (306h) AIF1DAC Data
0
0
0
0
0
0
0
0
0
0
0
0
0
0
AIF1D
ACL_D
AT_IN
V
AIF1D
ACR_D
AT_IN
V
0000h
R775 (307h) AIF1ADC Data
0
0
0
0
0
0
0
0
0
0
0
0
0
0
AIF1A
DCL_D
AT_IN
V
AIF1A
DCR_
DAT_I
NV
0000h
R784 (310h) AIF2 Control (1)
AIF2A
DCL_S
RC
AIF2A
DCR_S
RC
AIF2A
DC_TD
M
AIF2A
DC_TD
M_CH
AN
0
0
0
AIF2_B
CLK_I
NV
AIF2_L
RCLK_
INV
AIF2_WL [1:0] AIF2_FMT [1:0]
0
0
0
4050h
R785 (311h) AIF2 Control (2)
AIF2D
ACL_S
RC
AIF2D
ACR_S
RC
AIF2D
AC_TD
M
AIF2D
AC_TD
M_CH
AN
AIF2DAC_BOO
ST [1:0]
0
AIF2_
MONO
0
0
0
AIF2D
AC_C
OMP
AIF2D
AC_C
OMPM
ODE
AIF2A
DC_C
OMP
AIF2A
DC_C
OMPM
ODE
AIF2_L
OOPB
ACK
4000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com