Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8994ECS/R Datasheet(PDF) 248 Page - Cirrus Logic

Part # WM8994ECS/R
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8994ECS/R Datasheet(HTML) 248 Page - Cirrus Logic

Back Button WM8994ECS/R Datasheet HTML 244Page - Cirrus Logic WM8994ECS/R Datasheet HTML 245Page - Cirrus Logic WM8994ECS/R Datasheet HTML 246Page - Cirrus Logic WM8994ECS/R Datasheet HTML 247Page - Cirrus Logic WM8994ECS/R Datasheet HTML 248Page - Cirrus Logic WM8994ECS/R Datasheet HTML 249Page - Cirrus Logic WM8994ECS/R Datasheet HTML 250Page - Cirrus Logic WM8994ECS/R Datasheet HTML 251Page - Cirrus Logic WM8994ECS/R Datasheet HTML 252Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 248 / 363 page
background image
WM8994
248
Rev 4.6
REG
NAME
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
DEFAULT
R54 (36h)
Speaker Mixer
0
0
0
0
0
0
DAC2L
_TO_S
PKMIX
L
DAC2R
_TO_S
PKMIX
R
MIXINL
_TO_S
PKMIX
L
MIXIN
R_TO_
SPKMI
XR
IN1LP_
TO_SP
KMIXL
IN1RP
_TO_S
PKMIX
R
MIXOU
TL_TO
_SPKM
IXL
MIXOU
TR_TO
_SPKM
IXR
DAC1L
_TO_S
PKMIX
L
DAC1R
_TO_S
PKMIX
R
0000h
R55 (37h)
Additional Control
0
0
0
0
0
0
0
0
LINEO
UT1_F
B
LINEO
UT2_F
B
0
0
0
0
0
VROI
0000h
R56 (38h)
AntiPOP (1)
0
0
0
0
0
0
0
0
LINEO
UT_VM
ID_BU
F_ENA
HPOU
T2_IN_
ENA
LINEO
UT1_D
ISCH
LINEO
UT2_D
ISCH
0
0
0
0
0000h
R57 (39h)
AntiPOP (2)
0
0
0
0
0
0
0
MICB2
_DISC
H
MICB1
_DISC
H
VMID_RAMP
[1:0]
0
VMID_
BUF_E
NA
START
UP_BI
AS_EN
A
BIAS_
SRC
VMID_
DISCH
0000h
R58 (3Ah)
MICBIAS
0
0
0
0
0
0
0
0
MICD_SCTHR
[1:0]
MICD_THR [2:0]
MICD_
ENA
MICB2
_LVL
MICB1
_LVL
0000h
R59 (3Bh)
LDO 1
0
0
0
0
0
0
0
0
0
0
0
0
LDO1_VSEL [2:0]
LDO1_
DISCH
000Dh
R60 (3Ch)
LDO 2
0
0
0
0
0
0
0
0
0
0
0
0
0
LDO2_VSEL
[1:0]
LDO2_
DISCH
0003h
R76 (4Ch)
Charge Pump (1)
CP_EN
A
0
0
1
1
1
1
1
0
0
1
0
0
1
0
1
1F25h
R77 (4Dh)
Charge Pump (2)
CP_DI
SCH
0
1
0
1
0
1
1
0
0
0
1
1
0
0
1
AB19h
R81 (51h)
Class W (1)
0
0
0
0
0
0
CP_DYN_SRC_
SEL [1:0]
0
0
0
0
0
1
0
CP_DY
N_PW
R
0004h
R84 (54h)
DC Servo (1)
0
0
DCS_T
RIG_SI
NGLE_
1
DCS_T
RIG_SI
NGLE_
0
0
0
DCS_T
RIG_S
ERIES
_1
DCS_T
RIG_S
ERIES
_0
0
0
DCS_T
RIG_S
TARTU
P_1
DCS_T
RIG_S
TARTU
P_0
DCS_T
RIG_D
AC_W
R_1
DCS_T
RIG_D
AC_W
R_0
DCS_E
NA_CH
AN_1
DCS_E
NA_CH
AN_0
0000h
R85 (55h)
DC Servo (2)
0
0
0
0
DCS_SERIES_NO_01 [6:0]
0
DCS_TIMER_PERIOD_01 [3:0]
054Ah
R88 (58h)
DC Servo Readback
0
0
0
0
0
0
DCS_CAL_CO
MPLETE [1:0]
0
0
DCS_DAC_WR
_COMPLETE
[1:0]
0
0
DCS_STARTUP
_COMPLETE
[1:0]
0000h
R89 (59h)
DC Servo (4)
DCS_DAC_WR_VAL_1 [7:0]
DCS_DAC_WR_VAL_0 [7:0]
0000h
R96 (60h)
Analogue HP (1)
0
0
0
0
0
0
0
0
HPOU
T1L_R
MV_S
HORT
HPOU
T1L_O
UTP
HPOU
T1L_D
LY
0
HPOU
T1R_R
MV_S
HORT
HPOU
T1R_O
UTP
HPOU
T1R_D
LY
0
0000h
R256 (100h) Chip Revision
0
0
0
0
0
0
0
0
0
0
0
0
CHIP_REV [3:0]
000Xh
R257 (101h) Control Interface
1
0
0
0
0
0
0
0
0
SPI_C
ONTR
D
SPI_4
WIRE
SPI_C
FG
0
AUTO_
INC
0
0
8004h
R272 (110h) Write Sequencer Ctrl
(1)
WSEQ
_ENA
0
0
0
0
0
WSEQ
_ABOR
T
WSEQ
_STAR
T
0
WSEQ_START_INDEX [6:0]
0000h
R273 (111h) Write Sequencer Ctrl
(2)
0
0
0
0
0
0
0
WSEQ
_BUSY
0
WSEQ_CURRENT_INDEX [6:0]
0000h
R512 (200h) AIF1 Clocking (1)
0
0
0
0
0
0
0
0
0
0
0
AIF1CLK_SRC
[1:0]
AIF1CL
K_INV
AIF1CL
K_DIV
AIF1CL
K_ENA
0000h
R513 (201h) AIF1 Clocking (2)
0
0
0
0
0
0
0
0
0
0
AIF1DAC_DIV [2:0]
AIF1ADC_DIV [2:0]
0000h
R516 (204h) AIF2 Clocking (1)
0
0
0
0
0
0
0
0
0
0
0
AIF2CLK_SRC
[1:0]
AIF2CL
K_INV
AIF2CL
K_DIV
AIF2CL
K_ENA
0000h
R517 (205h) AIF2 Clocking (2)
0
0
0
0
0
0
0
0
0
0
AIF2DAC_DIV [2:0]
AIF2ADC_DIV [2:0]
0000h
R520 (208h) Clocking (1)
0
0
0
0
0
0
0
0
0
0
0
TOCLK
_ENA
AIF1D
SPCLK
_ENA
AIF2D
SPCLK
_ENA
SYSDS
PCLK_
ENA
SYSCL
K_SRC
0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com