Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8994ECS/R Datasheet(PDF) 244 Page - Cirrus Logic

Part # WM8994ECS/R
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8994ECS/R Datasheet(HTML) 244 Page - Cirrus Logic

Back Button WM8994ECS/R Datasheet HTML 240Page - Cirrus Logic WM8994ECS/R Datasheet HTML 241Page - Cirrus Logic WM8994ECS/R Datasheet HTML 242Page - Cirrus Logic WM8994ECS/R Datasheet HTML 243Page - Cirrus Logic WM8994ECS/R Datasheet HTML 244Page - Cirrus Logic WM8994ECS/R Datasheet HTML 245Page - Cirrus Logic WM8994ECS/R Datasheet HTML 246Page - Cirrus Logic WM8994ECS/R Datasheet HTML 247Page - Cirrus Logic WM8994ECS/R Datasheet HTML 248Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 244 / 363 page
background image
WM8994
244
Rev 4.6
QUICK START-UP AND SHUTDOWN
The default control seq
uences (see “Control Write Sequencer”) contain only the register writes
necessary to enable or disable specific output drivers. It is therefore necessary to configure the signal
path and gain settings before commanding any of the default start-up sequences.
This section describes minimum control sequences to configure the WM8994 for DAC to Headphone
playback. Note that these sequences are provided for guidance only; application software should be
verified and tailored to ensure optimum performance.
Table 142 describes an example control sequence to enable DAC playback to HPOUT1L and
HPOUT1R path. This involves DAC enable, signal path configuration and mute control, together with
the default “Headphone Cold Start-Up” sequence. Table 143 describes an example control sequence
to disable the direct DAC to Headphone path.
REGISTER
VALUE
DESCRIPTION
R5 (0005h)
0003h
Enable DAC1L and DAC1R
R45 (002Dh)
0100h
Enable path from DAC1L to HPOUT1L
R46 (002Eh)
0100h
Enable path from DAC1R to HPOUT1R
R272 (0110h)
8100h
Initiate Control Write Sequencer at Index Address 0 (00h)
(Headphone Cold Start-Up sequence)
Delay 300ms
Note: Delay must be inserted in the sequence to allow the
Control Write Sequencer to finish. Any control interface writes
to the CODEC will be ignored while the Control Write
Sequencer is running.
R1056 (0420h)
0000h
Soft un-mute DAC1L and DAC1R
Table 142 DAC to Headphone Direct Start-Up Sequence
REGISTER
VALUE
DESCRIPTION
R1056 (0420h)
0200h
Soft mute DAC1L and DAC1R
R272 (0110h)
812Ah
Initiate Control Write Sequencer at Index Address 42 (2Ah)
(Generic Shut-Down)
Delay 525ms
Note: Delay must be inserted in the sequence to allow the
Control Write Sequencer to finish. Any control interface writes
to the CODEC will be ignored while the Control Write
Sequencer is running.
R45 (002Dh)
0000h
Disable path from DAC1L to HPOUT1L
R46 (002Eh)
0000h
Disable path from DAC1R to HPOUT1R
R5 (0005h)
0000h
Disable DAC1L and DAC1R
Table 143 DAC to Headphone Direct Shut-Down Sequence
In both cases, the WSEQ_BUSY bit (in Register R272, see Table 121) will be set to 1 while the
Control Write Sequence runs. When this bit returns to 0, the remaining steps of the sequence may be
executed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com