Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8994ECS/R Datasheet(PDF) 246 Page - Cirrus Logic

Part # WM8994ECS/R
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8994ECS/R Datasheet(HTML) 246 Page - Cirrus Logic

Back Button WM8994ECS/R Datasheet HTML 242Page - Cirrus Logic WM8994ECS/R Datasheet HTML 243Page - Cirrus Logic WM8994ECS/R Datasheet HTML 244Page - Cirrus Logic WM8994ECS/R Datasheet HTML 245Page - Cirrus Logic WM8994ECS/R Datasheet HTML 246Page - Cirrus Logic WM8994ECS/R Datasheet HTML 247Page - Cirrus Logic WM8994ECS/R Datasheet HTML 248Page - Cirrus Logic WM8994ECS/R Datasheet HTML 249Page - Cirrus Logic WM8994ECS/R Datasheet HTML 250Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 246 / 363 page
background image
WM8994
246
Rev 4.6
REGISTER MAP
The WM8994 control registers are listed below. Note that only the register addresses described here should be accessed; writing to
other addresses may result in undefined behaviour. Register bits that are not documented should not be changed from the default
values.
REG
NAME
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
DEFAULT
R0 (0h)
Software Reset
SW_RESET [15:0]
0000h
R1 (1h)
Power Management
(1)
0
0
SPKO
UTR_E
NA
SPKO
UTL_E
NA
HPOU
T2_EN
A
0
HPOU
T1L_E
NA
HPOU
T1R_E
NA
0
0
MICB2
_ENA
MICB1
_ENA
0
VMID_SEL [1:0] BIAS_
ENA
0000h
R2 (2h)
Power Management
(2)
0
TSHUT
_ENA
TSHUT
_OPDI
S
0
OPCLK
_ENA
0
MIXINL
_ENA
MIXIN
R_ENA
IN2L_E
NA
IN1L_E
NA
IN2R_
ENA
IN1R_
ENA
0
0
0
0
6000h
R3 (3h)
Power Management
(3)
0
0
LINEO
UT1N_
ENA
LINEO
UT1P_
ENA
LINEO
UT2N_
ENA
LINEO
UT2P_
ENA
SPKRV
OL_EN
A
SPKLV
OL_EN
A
MIXOU
TLVOL
_ENA
MIXOU
TRVOL
_ENA
MIXOU
TL_EN
A
MIXOU
TR_EN
A
0
0
0
0
0000h
R4 (4h)
Power Management
(4)
0
0
AIF2A
DCL_E
NA
AIF2A
DCR_E
NA
AIF1A
DC2L_
ENA
AIF1A
DC2R_
ENA
AIF1A
DC1L_
ENA
AIF1A
DC1R_
ENA
0
0
DMIC2
L_ENA
DMIC2
R_ENA
DMIC1
L_ENA
DMIC1
R_ENA
ADCL_
ENA
ADCR_
ENA
0000h
R5 (5h)
Power Management
(5)
0
0
AIF2D
ACL_E
NA
AIF2D
ACR_E
NA
AIF1D
AC2L_
ENA
AIF1D
AC2R_
ENA
AIF1D
AC1L_
ENA
AIF1D
AC1R_
ENA
0
0
0
0
DAC2L
_ENA
DAC2R
_ENA
DAC1L
_ENA
DAC1R
_ENA
0000h
R6 (6h)
Power Management
(6)
0
0
0
0
0
0
0
0
0
0
AIF3_T
RI
AIF3_ADCDAT_
SRC [1:0]
AIF2_A
DCDA
T_SRC
AIF2_D
ACDAT
_SRC
AIF1_D
ACDAT
_SRC
0000h
R21 (15h)
Input Mixer (1)
0
0
0
0
0
0
0
IN1RP
_MIXIN
R_BO
OST
IN1LP_
MIXINL
_BOO
ST
INPUT
S_CLA
MP
0
0
0
0
0
0
0000h
R24 (18h)
Left Line Input 1&2
Volume
0
0
0
0
0
0
0
IN1_V
U
IN1L_
MUTE
IN1L_Z
C
0
IN1L_VOL [4:0]
008Bh
R25 (19h)
Left Line Input 3&4
Volume
0
0
0
0
0
0
0
IN2_V
U
IN2L_
MUTE
IN2L_Z
C
0
IN2L_VOL [4:0]
008Bh
R26 (1Ah)
Right Line Input 1&2
Volume
0
0
0
0
0
0
0
IN1_V
U
IN1R_
MUTE
IN1R_
ZC
0
IN1R_VOL [4:0]
008Bh
R27 (1Bh)
Right Line Input 3&4
Volume
0
0
0
0
0
0
0
IN2_V
U
IN2R_
MUTE
IN2R_
ZC
0
IN2R_VOL [4:0]
008Bh
R28 (1Ch)
Left Output Volume
0
0
0
0
0
0
0
HPOU
T1_VU
HPOU
T1L_Z
C
HPOU
T1L_M
UTE_N
HPOUT1L_VOL [5:0]
006Dh
R29 (1Dh)
Right Output Volume
0
0
0
0
0
0
0
HPOU
T1_VU
HPOU
T1R_Z
C
HPOU
T1R_M
UTE_N
HPOUT1R_VOL [5:0]
006Dh
R30 (1Eh)
Line Outputs Volume
0
0
0
0
0
0
0
0
0
LINEO
UT1N_
MUTE
LINEO
UT1P_
MUTE
LINEO
UT1_V
OL
0
LINEO
UT2N_
MUTE
LINEO
UT2P_
MUTE
LINEO
UT2_V
OL
0066h
R31 (1Fh)
HPOUT2 Volume
0
0
0
0
0
0
0
0
0
0
HPOU
T2_MU
TE
HPOU
T2_VO
L
0
0
0
0
0020h
R32 (20h)
Left OPGA Volume
0
0
0
0
0
0
0
MIXOU
T_VU
MIXOU
TL_ZC
MIXOU
TL_MU
TE_N
MIXOUTL_VOL [5:0]
0079h
R33 (21h)
Right OPGA Volume
0
0
0
0
0
0
0
MIXOU
T_VU
MIXOU
TR_ZC
MIXOU
TR_M
UTE_N
MIXOUTR_VOL [5:0]
0079h
R34 (22h)
SPKMIXL Attenuation
0
0
0
0
0
0
0
SPKAB
_REF_
SEL
0
DAC2L
_SPKM
IXL_V
OL
MIXINL
_SPKM
IXL_V
OL
IN1LP_
SPKMI
XL_VO
L
MIXOU
TL_SP
KMIXL
_VOL
DAC1L
_SPKM
IXL_V
OL
SPKMIXL_VOL
[1:0]
0003h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com