Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8994ECS/R Datasheet(PDF) 242 Page - Cirrus Logic

Part # WM8994ECS/R
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8994ECS/R Datasheet(HTML) 242 Page - Cirrus Logic

Back Button WM8994ECS/R Datasheet HTML 238Page - Cirrus Logic WM8994ECS/R Datasheet HTML 239Page - Cirrus Logic WM8994ECS/R Datasheet HTML 240Page - Cirrus Logic WM8994ECS/R Datasheet HTML 241Page - Cirrus Logic WM8994ECS/R Datasheet HTML 242Page - Cirrus Logic WM8994ECS/R Datasheet HTML 243Page - Cirrus Logic WM8994ECS/R Datasheet HTML 244Page - Cirrus Logic WM8994ECS/R Datasheet HTML 245Page - Cirrus Logic WM8994ECS/R Datasheet HTML 246Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 242 / 363 page
background image
WM8994
242
Rev 4.6
DCVDD
0V
AVDD2
0V
Vpora
Vpord_off
LO
HI
Internal POR
Device ready
Vpora_on
POR active
POR active
POR undefined
Figure 86 Power On Reset Timing - DCVDD enabled/disabled first
The POR
¯¯¯ signal is undefined until AVDD2 has exceeded the minimum threshold, Vpora. Once this
threshold has been exceeded, POR
¯¯¯ is asserted low and the chip is held in reset. In this condition, all
writes to the control interface are ignored. Once AVDD2 and DCVDD have reached their respective
power on thresholds, POR
¯¯¯ is released high, all registers are in their default state, and writes to the
control interface may take place.
Note that a power-on reset period, TPOR, applies after AVDD2 and DCVDD have reached their
respective power on thresholds. This specification is guaranteed by design rather than test.
On power down, POR
¯¯¯ is asserted low when either AVDD2 or DCVDD falls below their respective
power-down thresholds.
Typical Power-On Reset parameters for the WM8994 are defined in Table 140.
SYMBOL
DESCRIPTION
TYP
UNIT
Vpora_on
Power-On threshold (AVDD2)
1.15
V
Vpora_off
Power-Off threshold (AVDD2)
1.14
V
Vpord_on
Power-On threshold (DCVDD)
0.56
V
Vpord_off
Power-Off threshold (DCVDD)
0.55
V
TPOR
Minimum Power-On Reset period
100
ns
Table 140 Typical Power-On Reset Parameters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com