Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8994ECS/R Datasheet(PDF) 240 Page - Cirrus Logic

Part # WM8994ECS/R
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8994ECS/R Datasheet(HTML) 240 Page - Cirrus Logic

Back Button WM8994ECS/R Datasheet HTML 236Page - Cirrus Logic WM8994ECS/R Datasheet HTML 237Page - Cirrus Logic WM8994ECS/R Datasheet HTML 238Page - Cirrus Logic WM8994ECS/R Datasheet HTML 239Page - Cirrus Logic WM8994ECS/R Datasheet HTML 240Page - Cirrus Logic WM8994ECS/R Datasheet HTML 241Page - Cirrus Logic WM8994ECS/R Datasheet HTML 242Page - Cirrus Logic WM8994ECS/R Datasheet HTML 243Page - Cirrus Logic WM8994ECS/R Datasheet HTML 244Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 240 / 363 page
background image
WM8994
240
Rev 4.6
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R520 (0208h)
Clocking (1)
4
TOCLK_ENA
0
Slow Clock (TOCLK) Enable
0 = Disabled
1 = Enabled
This clock is required for zero-cross
timeout.
3
AIF1DSPCLK_EN
A
0
AIF1 Processing Clock Enable
0 = Disabled
1 = Enabled
2
AIF2DSPCLK_EN
A
0
AIF2 Processing Clock Enable
0 = Disabled
1 = Enabled
1
SYSDSPCLK_EN
A
0
Digital Mixing Processor Clock Enable
0 = Disabled
1 = Enabled
R544 (0220h)
FLL1 Control
(1)
0
FLL1_ENA
0
FLL1 Enable
0 = Disabled
1 = Enabled
This should be set as the final step of the
FLL1 enable sequence, ie. after the other
FLL registers have been configured.
R576 (0240h)
FLL2 Control
(1)
0
FLL2_ENA
0
FLL2 Enable
0 = Disabled
1 = Enabled
This should be set as the final step of the
FLL2 enable sequence, ie. after the other
FLL registers have been configured.
Table 138 Power Management



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com