Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8994ECS/R Datasheet(PDF) 252 Page - Cirrus Logic

Part # WM8994ECS/R
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8994ECS/R Datasheet(HTML) 252 Page - Cirrus Logic

Back Button WM8994ECS/R Datasheet HTML 248Page - Cirrus Logic WM8994ECS/R Datasheet HTML 249Page - Cirrus Logic WM8994ECS/R Datasheet HTML 250Page - Cirrus Logic WM8994ECS/R Datasheet HTML 251Page - Cirrus Logic WM8994ECS/R Datasheet HTML 252Page - Cirrus Logic WM8994ECS/R Datasheet HTML 253Page - Cirrus Logic WM8994ECS/R Datasheet HTML 254Page - Cirrus Logic WM8994ECS/R Datasheet HTML 255Page - Cirrus Logic WM8994ECS/R Datasheet HTML 256Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 252 / 363 page
background image
WM8994
252
Rev 4.6
REG
NAME
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
DEFAULT
R1166 (48Eh) AIF1 DAC1 EQ Band
4 B
AIF1DAC1_EQ_B4_B [15:0]
F829h
R1167 (48Fh) AIF1 DAC1 EQ Band
4 C
AIF1DAC1_EQ_B4_C [15:0]
07ADh
R1168 (490h) AIF1 DAC1 EQ Band
4 PG
AIF1DAC1_EQ_B4_PG [15:0]
1103h
R1169 (491h) AIF1 DAC1 EQ Band
5 A
AIF1DAC1_EQ_B5_A [15:0]
0564h
R1170 (492h) AIF1 DAC1 EQ Band
5 B
AIF1DAC1_EQ_B5_B [15:0]
0559h
R1171 (493h) AIF1 DAC1 EQ Band
5 PG
AIF1DAC1_EQ_B5_PG [15:0]
4000h
R1184 (4A0h) AIF1 DAC2 EQ Gains
(1)
AIF1DAC2_EQ_B1_GAIN [4:0]
AIF1DAC2_EQ_B2_GAIN [4:0]
AIF1DAC2_EQ_B3_GAIN [4:0]
AIF1D
AC2_E
Q_ENA
6318h
R1185 (4A1h) AIF1 DAC2 EQ Gains
(2)
AIF1DAC2_EQ_B4_GAIN [4:0]
AIF1DAC2_EQ_B5_GAIN [4:0]
0
0
0
0
0
0
6300h
R1186 (4A2h) AIF1 DAC2 EQ Band
1 A
AIF1DAC2_EQ_B1_A [15:0]
0FCAh
R1187 (4A3h) AIF1 DAC2 EQ Band
1 B
AIF1DAC2_EQ_B1_B [15:0]
0400h
R1188 (4A4h) AIF1 DAC2 EQ Band
1 PG
AIF1DAC2_EQ_B1_PG [15:0]
00D8h
R1189 (4A5h) AIF1 DAC2 EQ Band
2 A
AIF1DAC2_EQ_B2_A [15:0]
1EB5h
R1190 (4A6h) AIF1 DAC2 EQ Band
2 B
AIF1DAC2_EQ_B2_B [15:0]
F145h
R1191 (4A7h) AIF1 DAC2 EQ Band
2 C
AIF1DAC2_EQ_B2_C [15:0]
0B75h
R1192 (4A8h) AIF1 DAC2 EQ Band
2 PG
AIF1DAC2_EQ_B2_PG [15:0]
01C5h
R1193 (4A9h) AIF1 DAC2 EQ Band
3 A
AIF1DAC2_EQ_B3_A [15:0]
1C58h
R1194 (4AAh) AIF1 DAC2 EQ Band
3 B
AIF1DAC2_EQ_B3_B [15:0]
F373h
R1195 (4ABh) AIF1 DAC2 EQ Band
3 C
AIF1DAC2_EQ_B3_C [15:0]
0A54h
R1196 (4ACh) AIF1 DAC2 EQ Band
3 PG
AIF1DAC2_EQ_B3_PG [15:0]
0558h
R1197 (4ADh) AIF1 DAC2 EQ Band
4 A
AIF1DAC2_EQ_B4_A [15:0]
168Eh
R1198 (4AEh) AIF1 DAC2 EQ Band
4 B
AIF1DAC2_EQ_B4_B [15:0]
F829h
R1199 (4AFh) AIF1 DAC2 EQ Band
4 C
AIF1DAC2_EQ_B4_C [15:0]
07ADh
R1200 (4B0h) AIF1 DAC2 EQ Band
4 PG
AIF1DAC2_EQ_B4_PG [15:0]
1103h
R1201 (4B1h) AIF1 DAC2 EQ Band
5 A
AIF1DAC2_EQ_B5_A [15:0]
0564h
R1202 (4B2h) AIF1 DAC2 EQ Band
5 B
AIF1DAC2_EQ_B5_B [15:0]
0559h
R1203 (4B3h) AIF1 DAC2 EQ Band
5 PG
AIF1DAC2_EQ_B5_PG [15:0]
4000h
R1280 (500h) AIF2 ADC Left
Volume
0
0
0
0
0
0
0
AIF2A
DC_VU
AIF2ADCL_VOL [7:0]
00C0h
R1281 (501h) AIF2 ADC Right
Volume
0
0
0
0
0
0
0
AIF2A
DC_VU
AIF2ADCR_VOL [7:0]
00C0h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com