Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8994ECS/R Datasheet(PDF) 254 Page - Cirrus Logic

Part # WM8994ECS/R
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8994ECS/R Datasheet(HTML) 254 Page - Cirrus Logic

Back Button WM8994ECS/R Datasheet HTML 250Page - Cirrus Logic WM8994ECS/R Datasheet HTML 251Page - Cirrus Logic WM8994ECS/R Datasheet HTML 252Page - Cirrus Logic WM8994ECS/R Datasheet HTML 253Page - Cirrus Logic WM8994ECS/R Datasheet HTML 254Page - Cirrus Logic WM8994ECS/R Datasheet HTML 255Page - Cirrus Logic WM8994ECS/R Datasheet HTML 256Page - Cirrus Logic WM8994ECS/R Datasheet HTML 257Page - Cirrus Logic WM8994ECS/R Datasheet HTML 258Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 254 / 363 page
background image
WM8994
254
Rev 4.6
REG
NAME
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
DEFAULT
R1540 (604h) DAC2 Left Mixer
Routing
0
0
0
0
0
0
0
0
0
0
ADCR_
TO_DA
C2L
ADCL_
TO_DA
C2L
0
AIF2D
ACL_T
O_DA
C2L
AIF1D
AC2L_
TO_DA
C2L
AIF1D
AC1L_
TO_DA
C2L
0000h
R1541 (605h) DAC2 Right Mixer
Routing
0
0
0
0
0
0
0
0
0
0
ADCR_
TO_DA
C2R
ADCL_
TO_DA
C2R
0
AIF2D
ACR_T
O_DA
C2R
AIF1D
AC2R_
TO_DA
C2R
AIF1D
AC1R_
TO_DA
C2R
0000h
R1542 (606h) AIF1 ADC1 Left Mixer
Routing
0
0
0
0
0
0
0
0
0
0
0
0
0
0
ADC1L
_TO_A
IF1AD
C1L
AIF2D
ACL_T
O_AIF
1ADC1
L
0000h
R1543 (607h) AIF1 ADC1 Right
Mixer Routing
0
0
0
0
0
0
0
0
0
0
0
0
0
0
ADC1R
_TO_A
IF1AD
C1R
AIF2D
ACR_T
O_AIF
1ADC1
R
0000h
R1544 (608h) AIF1 ADC2 Left Mixer
Routing
0
0
0
0
0
0
0
0
0
0
0
0
0
0
ADC2L
_TO_A
IF1AD
C2L
AIF2D
ACL_T
O_AIF
1ADC2
L
0000h
R1545 (609h) AIF1 ADC2 Right
mixer Routing
0
0
0
0
0
0
0
0
0
0
0
0
0
0
ADC2R
_TO_A
IF1AD
C2R
AIF2D
ACR_T
O_AIF
1ADC2
R
0000h
R1552 (610h) DAC1 Left Volume
0
0
0
0
0
0
DAC1L
_MUTE
DAC1_
VU
DAC1L_VOL [7:0]
02C0h
R1553 (611h) DAC1 Right Volume
0
0
0
0
0
0
DAC1R
_MUTE
DAC1_
VU
DAC1R_VOL [7:0]
02C0h
R1554 (612h) DAC2 Left Volume
0
0
0
0
0
0
DAC2L
_MUTE
DAC2_
VU
DAC2L_VOL [7:0]
02C0h
R1555 (613h) DAC2 Right Volume
0
0
0
0
0
0
DAC2R
_MUTE
DAC2_
VU
DAC2R_VOL [7:0]
02C0h
R1556 (614h) DAC Softmute
0
0
0
0
0
0
0
0
0
0
0
0
0
0
DAC_S
OFTM
UTEM
ODE
DAC_
MUTE
RATE
0000h
R1568 (620h) Oversampling
0
0
0
0
0
0
0
0
0
0
0
0
0
0
ADC_
OSR12
8
DAC_
OSR12
8
0002h
R1569 (621h) Sidetone
0
0
0
0
0
0
ST_HPF_CUT [2:0]
ST_HP
F
0
0
0
0
STR_S
EL
STL_S
EL
0000h
R1792 (700h) GPIO 1
GP1_D
IR
GP1_P
U
GP1_P
D
0
0
GP1_P
OL
GP1_O
P_CFG
GP1_D
B
0
GP1_L
VL
0
GP1_FN [4:0]
8100h
R1793 (701h) GPIO 2
GP2_D
IR
GP2_P
U
GP2_P
D
0
0
GP2_P
OL
0
GP2_D
B
0
GP2_L
VL
0
GP2_FN [4:0]
A101h
R1794 (702h) GPIO 3
GP3_D
IR
GP3_P
U
GP3_P
D
0
0
GP3_P
OL
GP3_O
P_CFG
GP3_D
B
0
GP3_L
VL
0
GP3_FN [4:0]
A101h
R1795 (703h) GPIO 4
GP4_D
IR
GP4_P
U
GP4_P
D
0
0
GP4_P
OL
GP4_O
P_CFG
GP4_D
B
0
GP4_L
VL
0
GP4_FN [4:0]
A101h
R1796 (704h) GPIO 5
GP5_D
IR
GP5_P
U
GP5_P
D
0
0
GP5_P
OL
GP5_O
P_CFG
GP5_D
B
0
GP5_L
VL
0
GP5_FN [4:0]
A101h
R1797 (705h) GPIO 6
GP6_D
IR
GP6_P
U
GP6_P
D
0
0
GP6_P
OL
GP6_O
P_CFG
GP6_D
B
0
GP6_L
VL
0
GP6_FN [4:0]
A101h
R1798 (706h) GPIO 7
GP7_D
IR
GP7_P
U
GP7_P
D
0
0
GP7_P
OL
GP7_O
P_CFG
GP7_D
B
0
GP7_L
VL
0
GP7_FN [4:0]
A101h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com