Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8994ECS/R Datasheet(PDF) 258 Page - Cirrus Logic

Part # WM8994ECS/R
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8994ECS/R Datasheet(HTML) 258 Page - Cirrus Logic

Back Button WM8994ECS/R Datasheet HTML 254Page - Cirrus Logic WM8994ECS/R Datasheet HTML 255Page - Cirrus Logic WM8994ECS/R Datasheet HTML 256Page - Cirrus Logic WM8994ECS/R Datasheet HTML 257Page - Cirrus Logic WM8994ECS/R Datasheet HTML 258Page - Cirrus Logic WM8994ECS/R Datasheet HTML 259Page - Cirrus Logic WM8994ECS/R Datasheet HTML 260Page - Cirrus Logic WM8994ECS/R Datasheet HTML 261Page - Cirrus Logic WM8994ECS/R Datasheet HTML 262Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 258 / 363 page
background image
WM8994
258
Rev 4.6
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
11
LINEOUT2N_EN
A
0
LINEOUT2N Line Out and LINEOUT2NMIX Enable
0 = Disabled
1 = Enabled
10
LINEOUT2P_EN
A
0
LINEOUT2P Line Out and LINEOUT2PMIX Enable
0 = Disabled
1 = Enabled
9
SPKRVOL_ENA
0
SPKMIXR Mixer and SPKRVOL PGA Enable
0 = Disabled
1 = Enabled
Note that SPKMIXR and SPKRVOL are also enabled when
SPKOUTR_ENA is set.
8
SPKLVOL_ENA
0
SPKMIXL Mixer and SPKLVOL PGA Enable
0 = Disabled
1 = Enabled
Note that SPKMIXL and SPKLVOL are also enabled when
SPKOUTL_ENA is set.
7
MIXOUTLVOL_
ENA
0
MIXOUTL Left Volume Control Enable
0 = Disabled
1 = Enabled
6
MIXOUTRVOL_
ENA
0
MIXOUTR Right Volume Control Enable
0 = Disabled
1 = Enabled
5
MIXOUTL_ENA
0
MIXOUTL Left Output Mixer Enable
0 = Disabled
1 = Enabled
4
MIXOUTR_ENA
0
MIXOUTR Right Output Mixer Enable
0 = Disabled
1 = Enabled
Register 03h Power Management (3)
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R4 (04h)
Power
Management
(4)
13
AIF2ADCL_ENA
0
Enable AIF2ADC (Left) output path
0 = Disabled
1 = Enabled
12
AIF2ADCR_EN
A
0
Enable AIF2ADC (Right) output path
0 = Disabled
1 = Enabled
11
AIF1ADC2L_EN
A
0
Enable AIF1ADC2 (Left) output path (AIF1, Timeslot 1)
0 = Disabled
1 = Enabled
10
AIF1ADC2R_EN
A
0
Enable AIF1ADC2 (Right) output path (AIF1, Timeslot 1)
0 = Disabled
1 = Enabled
9
AIF1ADC1L_EN
A
0
Enable AIF1ADC1 (Left) output path (AIF1, Timeslot 0)
0 = Disabled
1 = Enabled
8
AIF1ADC1R_EN
A
0
Enable AIF1ADC1 (Right) output path (AIF1, Timeslot 0)
0 = Disabled
1 = Enabled
5
DMIC2L_ENA
0
Digital microphone DMICDAT2 Left channel enable
0 = Disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com