Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8994ECS/R Datasheet(PDF) 257 Page - Cirrus Logic

Part # WM8994ECS/R
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8994ECS/R Datasheet(HTML) 257 Page - Cirrus Logic

Back Button WM8994ECS/R Datasheet HTML 253Page - Cirrus Logic WM8994ECS/R Datasheet HTML 254Page - Cirrus Logic WM8994ECS/R Datasheet HTML 255Page - Cirrus Logic WM8994ECS/R Datasheet HTML 256Page - Cirrus Logic WM8994ECS/R Datasheet HTML 257Page - Cirrus Logic WM8994ECS/R Datasheet HTML 258Page - Cirrus Logic WM8994ECS/R Datasheet HTML 259Page - Cirrus Logic WM8994ECS/R Datasheet HTML 260Page - Cirrus Logic WM8994ECS/R Datasheet HTML 261Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 257 / 363 page
background image
WM8994
Rev 4.6
257
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
11 = Reserved
0
BIAS_ENA
0
Enables the Normal bias current generator (for all analogue
functions)
0 = Disabled
1 = Enabled
Register 01h Power Management (1)
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R2 (02h)
Power
Management
(2)
14
TSHUT_ENA
1
Thermal sensor enable
0 = Disabled
1 = Enabled
13
TSHUT_OPDIS
1
Thermal shutdown control
(Causes audio outputs to be disabled if an overtemperature
occurs. The thermal sensor must also be enabled.)
0 = Disabled
1 = Enabled
11
OPCLK_ENA
0
GPIO Clock Output (OPCLK) Enable
0 = Disabled
1 = Enabled
9
MIXINL_ENA
0
Left Input Mixer Enable
(Enables MIXINL and RXVOICE input to MIXINL)
0 = Disabled
1 = Enabled
8
MIXINR_ENA
0
Right Input Mixer Enable
(Enables MIXINR and RXVOICE input to MIXINR)
0 = Disabled
1 = Enabled
7
IN2L_ENA
0
IN2L Input PGA Enable
0 = Disabled
1 = Enabled
6
IN1L_ENA
0
IN1L Input PGA Enable
0 = Disabled
1 = Enabled
5
IN2R_ENA
0
IN2R Input PGA Enable
0 = Disabled
1 = Enabled
4
IN1R_ENA
0
IN1R Input PGA Enable
0 = Disabled
1 = Enabled
Register 02h Power Management (2)
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R3 (03h)
Power
Management
(3)
13
LINEOUT1N_EN
A
0
LINEOUT1N Line Out and LINEOUT1NMIX Enable
0 = Disabled
1 = Enabled
12
LINEOUT1P_EN
A
0
LINEOUT1P Line Out and LINEOUT1PMIX Enable
0 = Disabled
1 = Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com