Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8994ECS/R Datasheet(PDF) 323 Page - Cirrus Logic

Part # WM8994ECS/R
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8994ECS/R Datasheet(HTML) 323 Page - Cirrus Logic

Back Button WM8994ECS/R Datasheet HTML 319Page - Cirrus Logic WM8994ECS/R Datasheet HTML 320Page - Cirrus Logic WM8994ECS/R Datasheet HTML 321Page - Cirrus Logic WM8994ECS/R Datasheet HTML 322Page - Cirrus Logic WM8994ECS/R Datasheet HTML 323Page - Cirrus Logic WM8994ECS/R Datasheet HTML 324Page - Cirrus Logic WM8994ECS/R Datasheet HTML 325Page - Cirrus Logic WM8994ECS/R Datasheet HTML 326Page - Cirrus Logic WM8994ECS/R Datasheet HTML 327Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 323 / 363 page
background image
WM8994
Rev 4.6
323
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R1347
(0543h) AIF2
DRC (4)
10:5
AIF2DRC_KNE
E_IP [5:0]
00_0000
AIF2 DRC Input signal level at the Compressor ‘Knee’.
000000 = 0dB
000001 = -0.75dB
000010 = -1.5dB
… (-0.75dB steps)
111100 = -45dB
111101 = Reserved
11111X = Reserved
4:0
AIF2DRC_KNE
E_OP [4:0]
0_0000
AIF2 DRC Output signal at the Compressor ‘Knee’.
00000 = 0dB
00001 = -0.75dB
00010 = -1.5dB
… (-0.75dB steps)
11110 = -22.5dB
11111 = Reserved
Register 0543h AIF2 DRC (4)
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R1348
(0544h) AIF2
DRC (5)
9:5
AIF2DRC_KNE
E2_IP [4:0]
0_0000
AIF2 DRC Input signal level at the Noise Gate threshold
‘Knee2’.
00000 = -36dB
00001 = -37.5dB
00010 = -39dB
… (-1.5dB steps)
11110 = -81dB
11111 = -82.5dB
Only applicable when AIF2DRC_NG_ENA = 1.
4:0
AIF2DRC_KNE
E2_OP [4:0]
0_0000
AIF2 DRC Output signal at the Noise Gate threshold
‘Knee2’.
00000 = -30dB
00001 = -31.5dB
00010 = -33dB
… (-1.5dB steps)
11110 = -75dB
11111 = -76.5dB
Only applicable when AIF2DRC_KNEE2_OP_ENA = 1.
Register 0544h AIF2 DRC (5)
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R1408
(0580h) AIF2
EQ Gains (1)
15:11
AIF2DAC_EQ_B
1_GAIN [4:0]
0_1100
AIF2 EQ Band 1 Gain
-12dB to +12dB in 1dB steps
10:6
AIF2DAC_EQ_B
2_GAIN [4:0]
0_1100
AIF2EQ Band 2 Gain
-12dB to +12dB in 1dB steps
5:1
AIF2DAC_EQ_B
3_GAIN [4:0]
0_1100
AIF2EQ Band 3 Gain
-12dB to +12dB in 1dB steps
0
AIF2DAC_EQ_E
NA
0
Enable EQ in AIF2DAC playback path
0 = Disabled
1 = Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com