Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8994ECS/R Datasheet(PDF) 327 Page - Cirrus Logic

Part # WM8994ECS/R
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8994ECS/R Datasheet(HTML) 327 Page - Cirrus Logic

Back Button WM8994ECS/R Datasheet HTML 323Page - Cirrus Logic WM8994ECS/R Datasheet HTML 324Page - Cirrus Logic WM8994ECS/R Datasheet HTML 325Page - Cirrus Logic WM8994ECS/R Datasheet HTML 326Page - Cirrus Logic WM8994ECS/R Datasheet HTML 327Page - Cirrus Logic WM8994ECS/R Datasheet HTML 328Page - Cirrus Logic WM8994ECS/R Datasheet HTML 329Page - Cirrus Logic WM8994ECS/R Datasheet HTML 330Page - Cirrus Logic WM8994ECS/R Datasheet HTML 331Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 327 / 363 page
background image
WM8994
Rev 4.6
327
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
Volumes
…. (3dB steps)
1011 = -3dB
1100 = 0dB
3:0
ADCL_DAC1_V
OL [3:0]
0000
Sidetone STL to DAC1L and DAC1R Volume
0000 = -36dB
0001 = -33dB
…. (3dB steps)
1011 = -3dB
1100 = 0dB
Register 0600h DAC1 Mixer Volumes
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R1537
(0601h)
DAC1 Left
Mixer Routing
5
ADCR_TO_DAC
1L
0
Enable Sidetone STR to DAC1L
0 = Disabled
1 = Enabled
4
ADCL_TO_DAC
1L
0
Enable Sidetone STL to DAC1L
0 = Disabled
1 = Enabled
2
AIF2DACL_TO_
DAC1L
0
Enable AIF2 (Left) to DAC1L
0 = Disabled
1 = Enabled
1
AIF1DAC2L_TO
_DAC1L
0
Enable AIF1 (Timeslot 1, Left) to DAC1L
0 = Disabled
1 = Enabled
0
AIF1DAC1L_TO
_DAC1L
0
Enable AIF1 (Timeslot 0, Left) to DAC1L
0 = Disabled
1 = Enabled
Register 0601h DAC1 Left Mixer Routing
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R1538
(0602h)
DAC1 Right
Mixer Routing
5
ADCR_TO_DAC
1R
0
Enable Sidetone STR to DAC1R
0 = Disabled
1 = Enabled
4
ADCL_TO_DAC
1R
0
Enable Sidetone STL to DAC1R
0 = Disabled
1 = Enabled
2
AIF2DACR_TO_
DAC1R
0
Enable AIF2 (Right) to DAC1R
0 = Disabled
1 = Enabled
1
AIF1DAC2R_TO
_DAC1R
0
Enable AIF1 (Timeslot 1, Right) to DAC1R
0 = Disabled
1 = Enabled
0
AIF1DAC1R_TO
_DAC1R
0
Enable AIF1 (Timeslot 0, Right) to DAC1R
0 = Disabled
1 = Enabled
Register 0602h DAC1 Right Mixer Routing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com