Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8994ECS/R Datasheet(PDF) 325 Page - Cirrus Logic

Part # WM8994ECS/R
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8994ECS/R Datasheet(HTML) 325 Page - Cirrus Logic

Back Button WM8994ECS/R Datasheet HTML 321Page - Cirrus Logic WM8994ECS/R Datasheet HTML 322Page - Cirrus Logic WM8994ECS/R Datasheet HTML 323Page - Cirrus Logic WM8994ECS/R Datasheet HTML 324Page - Cirrus Logic WM8994ECS/R Datasheet HTML 325Page - Cirrus Logic WM8994ECS/R Datasheet HTML 326Page - Cirrus Logic WM8994ECS/R Datasheet HTML 327Page - Cirrus Logic WM8994ECS/R Datasheet HTML 328Page - Cirrus Logic WM8994ECS/R Datasheet HTML 329Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 325 / 363 page
background image
WM8994
Rev 4.6
325
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R1415
(0587h) AIF2
EQ Band 2 C
15:0
AIF2DAC_EQ_B
2_C [15:0]
0000_1011
_0111_010
1
EQ Band 2 Coefficient C
Register 0587h AIF2 EQ Band 2 C
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R1416
(0588h) AIF2
EQ Band 2
PG
15:0
AIF2DAC_EQ_B
2_PG [15:0]
0000_0001
_1100_010
1
EQ Band 2 Coefficient PG
Register 0588h AIF2 EQ Band 2 PG
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R1417
(0589h) AIF2
EQ Band 3 A
15:0
AIF2DAC_EQ_B
3_A [15:0]
0001_1100
_0101_100
0
EQ Band 3 Coefficient A
Register 0589h AIF2 EQ Band 3 A
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R1418
(058Ah) AIF2
EQ Band 3 B
15:0
AIF2DAC_EQ_B
3_B [15:0]
1111_0011
_0111_001
1
EQ Band 3 Coefficient B
Register 058Ah AIF2 EQ Band 3 B
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R1419
(058Bh) AIF2
EQ Band 3 C
15:0
AIF2DAC_EQ_B
3_C [15:0]
0000_1010
_0101_010
0
EQ Band 3 Coefficient C
Register 058Bh AIF2 EQ Band 3 C
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R1420
(058Ch) AIF2
EQ Band 3
PG
15:0
AIF2DAC_EQ_B
3_PG [15:0]
0000_0101
_0101_100
0
EQ Band 3 Coefficient PG
Register 058Ch AIF2 EQ Band 3 PG
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R1421
(058Dh) AIF2
EQ Band 4 A
15:0
AIF2DAC_EQ_B
4_A [15:0]
0001_0110
_1000_111
0
EQ Band 4 Coefficient A
Register 058Dh AIF2 EQ Band 4 A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com