Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8994ECS/R Datasheet(PDF) 329 Page - Cirrus Logic

Part # WM8994ECS/R
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8994ECS/R Datasheet(HTML) 329 Page - Cirrus Logic

Back Button WM8994ECS/R Datasheet HTML 325Page - Cirrus Logic WM8994ECS/R Datasheet HTML 326Page - Cirrus Logic WM8994ECS/R Datasheet HTML 327Page - Cirrus Logic WM8994ECS/R Datasheet HTML 328Page - Cirrus Logic WM8994ECS/R Datasheet HTML 329Page - Cirrus Logic WM8994ECS/R Datasheet HTML 330Page - Cirrus Logic WM8994ECS/R Datasheet HTML 331Page - Cirrus Logic WM8994ECS/R Datasheet HTML 332Page - Cirrus Logic WM8994ECS/R Datasheet HTML 333Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 329 / 363 page
background image
WM8994
Rev 4.6
329
Register 0605h DAC2 Right Mixer Routing
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R1542
(0606h) AIF1
ADC1 Left
Mixer Routing
1
ADC1L_TO_AIF
1ADC1L
0
Enable ADCL / DMIC1 (Left) to AIF1 (Timeslot 0, Left)
output
0 = Disabled
1 = Enabled
0
AIF2DACL_TO_
AIF1ADC1L
0
Enable AIF2 (Left) to AIF1 (Timeslot 0, Left) output
0 = Disabled
1 = Enabled
Register 0606h AIF1 ADC1 Left Mixer Routing
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R1543
(0607h) AIF1
ADC1 Right
Mixer Routing
1
ADC1R_TO_AIF
1ADC1R
0
Enable ADCR / DMIC1 (Right) to AIF1 (Timeslot 0, Right)
output
0 = Disabled
1 = Enabled
0
AIF2DACR_TO_
AIF1ADC1R
0
Enable AIF2 (Right) to AIF1 (Timeslot 0, Right) output
0 = Disabled
1 = Enabled
Register 0607h AIF1 ADC1 Right Mixer Routing
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R1544
(0608h) AIF1
ADC2 Left
Mixer Routing
1
ADC2L_TO_AIF
1ADC2L
0
Enable DMIC2 (Left) to AIF1 (Timeslot 1, Left) output
0 = Disabled
1 = Enabled
0
AIF2DACL_TO_
AIF1ADC2L
0
Enable AIF2 (Left) to AIF1 (Timeslot 1, Left) output
0 = Disabled
1 = Enabled
Register 0608h AIF1 ADC2 Left Mixer Routing
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R1545
(0609h) AIF1
ADC2 Right
mixer Routing
1
ADC2R_TO_AIF
1ADC2R
0
Enable DMIC2 (Right) to AIF1 (Timeslot 1, Right) output
0 = Disabled
1 = Enabled
0
AIF2DACR_TO_
AIF1ADC2R
0
Enable AIF2 (Right) to AIF1 (Timeslot 1, Right) output
0 = Disabled
1 = Enabled
Register 0609h AIF1 ADC2 Right mixer Routing
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R1552
(0610h)
DAC1 Left
9
DAC1L_MUTE
1
DAC1L Soft Mute Control
0 = DAC Un-mute
1 = DAC Mute



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com