Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8994ECS/R Datasheet(PDF) 331 Page - Cirrus Logic

Part # WM8994ECS/R
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8994ECS/R Datasheet(HTML) 331 Page - Cirrus Logic

Back Button WM8994ECS/R Datasheet HTML 327Page - Cirrus Logic WM8994ECS/R Datasheet HTML 328Page - Cirrus Logic WM8994ECS/R Datasheet HTML 329Page - Cirrus Logic WM8994ECS/R Datasheet HTML 330Page - Cirrus Logic WM8994ECS/R Datasheet HTML 331Page - Cirrus Logic WM8994ECS/R Datasheet HTML 332Page - Cirrus Logic WM8994ECS/R Datasheet HTML 333Page - Cirrus Logic WM8994ECS/R Datasheet HTML 334Page - Cirrus Logic WM8994ECS/R Datasheet HTML 335Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 331 / 363 page
background image
WM8994
Rev 4.6
331
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
Writing a 1 to this bit will cause the DAC2L and DAC2R
volume to be updated simultaneously
7:0
DAC2R_VOL
[7:0]
1100_0000
DAC2R Digital Volume
00h = MUTE
01h = -71.625dB
… (0.375dB steps)
C0h = 0dB
FFh = 0dB
Register 0613h DAC2 Right Volume
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R1556
(0614h) DAC
Softmute
1
DAC_SOFTMUT
EMODE
0
DAC Unmute Ramp select
0 = Disabling soft-mute (DAC[1/2][L/R]_MUTE=0) will cause
the DAC volume to change immediately to
DAC[1/2][L/R]_VOL settings
1 = Disabling soft-mute (DAC[1/2][L/R]_MUTE=0) will cause
the DAC volume to ramp up gradually to the
DAC[1/2][L/R]_VOL settings
0
DAC_MUTERAT
E
0
DAC Soft Mute Ramp Rate
0 = Fast ramp (fs/2, maximum ramp time is 10.7ms at
fs=48k)
1 = Slow ramp (fs/32, maximum ramp time is 171ms at
fs=48k)
(Note: ramp rate scales with sample rate.)
Register 0614h DAC Softmute
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R1568
(0620h)
Oversamplin
g
1
ADC_OSR128
1
ADC / Digital Microphone Oversample Rate Select
0 = Low Power
1 = High Performance
0
DAC_OSR128
0
DAC Oversample Rate Select
0 = Low Power
1 = High Performance
Register 0620h Oversampling
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R1569
(0621h)
Sidetone
9:7
ST_HPF_CUT
[2:0]
000
Sidetone HPF cut-off frequency (relative to 44.1kHz sample
rate)
000 = 2.7kHz
001 = 1.35kHz
010 = 675Hz
011 = 370Hz
100 = 180Hz
101 = 90Hz
110 = 45Hz
111 = Reserved
Note - the cut-off frequencies scale with the Digital Mixing
(SYSCLK) clocking rate. The quoted figures apply to



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com