Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99UDL01 Datasheet(PDF) 45 Page - STMicroelectronics

Part # L99UDL01
Description  L99UDL01 Automotive Universal Door Lock IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99UDL01 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button L99UDL01 Datasheet HTML 41Page - STMicroelectronics L99UDL01 Datasheet HTML 42Page - STMicroelectronics L99UDL01 Datasheet HTML 43Page - STMicroelectronics L99UDL01 Datasheet HTML 44Page - STMicroelectronics L99UDL01 Datasheet HTML 45Page - STMicroelectronics L99UDL01 Datasheet HTML 46Page - STMicroelectronics L99UDL01 Datasheet HTML 47Page - STMicroelectronics L99UDL01 Datasheet HTML 48Page - STMicroelectronics L99UDL01 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 88 page
background image
DS12511 Rev 5
45/88
L99UDL01
Serial communications
87
5.5.1
Advanced operation codes
There are two Advanced Operation Codes that can be used to set all control registers to the
default value or to clear all status registers. These are available along with the separate
write of all control registers and the bitwise clear of all status registers.
To execute a ‘set all control registers to default’ command, an OpCode ‘11’ at address
b’111111 is written to the SPI bus. (This is equivalent to the Read-Access to the ROM area
3FH: [11][111111]=0xFF)
To execute a ‘clear all status registers’ command, an OpCode ‘10’ at address b’111111 is
written on the SPI bus. (This is equivalent to the Read & Clear to the RAM area 3FH:
[10][111111]=0xBF)
Please note that dynamic status registers or ongoing status indications (e.g. thermal
warning or thermal shutdown) may be re-set even after being cleared by this command.
5.6
Register change during communication
From implementation point of view it is guaranteed that no register change gets lost during
communication. In case a register value was changed during a communication it will be
reported with the next communication frame.
5.7
GSB and payload inconsistency
Due to internal implementation strategy it may occur that data reported in the GSB does not
match with data reported in the payload in case the data was changed during GSB shift out.
In this case the payload data is the status quo as it was loaded later into the SPI’s shift
register.
5.8
Address
The two bits OpCode togheter with the six Address bits are a fixed part of the
communication frame. The six bits, in combination with the OpCode, allow to access to a 2 x
64 wide address range.
Table 19. Control register addresses
Control registers
RAM ADDR
Register
RWC
09H
Spare Control Register (Not used)
R/W
08H
Control Register 08H
R/W
...
...
...
02H
Control Register 02H
R/W
01H
Control Register 01H
R/W
00H
Control Register 00H
R/W
00h
Device commands
RWC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com