Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99UDL01 Datasheet(PDF) 49 Page - STMicroelectronics

Part # L99UDL01
Description  L99UDL01 Automotive Universal Door Lock IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99UDL01 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button L99UDL01 Datasheet HTML 45Page - STMicroelectronics L99UDL01 Datasheet HTML 46Page - STMicroelectronics L99UDL01 Datasheet HTML 47Page - STMicroelectronics L99UDL01 Datasheet HTML 48Page - STMicroelectronics L99UDL01 Datasheet HTML 49Page - STMicroelectronics L99UDL01 Datasheet HTML 50Page - STMicroelectronics L99UDL01 Datasheet HTML 51Page - STMicroelectronics L99UDL01 Datasheet HTML 52Page - STMicroelectronics L99UDL01 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 88 page
background image
DS12511 Rev 5
49/88
L99UDL01
Serial communications
87
Burst Read bit <BR>
The SPI Burst Read bit indicates if a burst read operation is implemented.(See Burst Read).
This bit is set.
SPI Data Length <DLx>
The SPI Data Length value indicates the counts the SCK count monitor requires for valid
accesses to the Device Application Registers. In case a communication frame with an SCK
count is not equal to that value (24 for the L99UDL01) SPI Error will be reported and the
data will be rejected.
The Frame Length is specified using 3 bits. The L99UDL01 has a 24 Bit SPI using a 16 Bit
payload (0,1,0).
Data consistency check (Parity/CRC)
For some devices a Data Consistency Check is required. Therefore either a parity-check or
for very sensitive systems a CRC may be implemented.
It is defined on 2 bits, in SPI Mode register located in ROM Part. A check is then applied on
the incoming frame (SDI) while a calculation elaborated on one/multiple bits is done and
integrated on the outgoing frame (SDO). The L9UDL01 uses standard odd parity.
Table 23. SPI data length
Bit 6
DL2
Bit 5
DL1
Bit 4
DL0
Description
0
0
0
Invalid
0
0
1
16 Bit SPI (8 Bit payload)
0
1
0
24 Bit SPI (16 Bit payload)
...
...
...
...
1
1
1
64 Bit SPI (56 Bit payload)
Table 24. Data consistency bit definition
Bit 1
Bit0
Description
00
Not used
0
1
Odd parity used
1
0
CRC used
1
1
Invalid



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com