Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99UDL01 Datasheet(PDF) 83 Page - STMicroelectronics

Part # L99UDL01
Description  L99UDL01 Automotive Universal Door Lock IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99UDL01 Datasheet(HTML) 83 Page - STMicroelectronics

Back Button L99UDL01 Datasheet HTML 79Page - STMicroelectronics L99UDL01 Datasheet HTML 80Page - STMicroelectronics L99UDL01 Datasheet HTML 81Page - STMicroelectronics L99UDL01 Datasheet HTML 82Page - STMicroelectronics L99UDL01 Datasheet HTML 83Page - STMicroelectronics L99UDL01 Datasheet HTML 84Page - STMicroelectronics L99UDL01 Datasheet HTML 85Page - STMicroelectronics L99UDL01 Datasheet HTML 86Page - STMicroelectronics L99UDL01 Datasheet HTML 87Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 88 page
background image
DS12511 Rev 5
83/88
L99UDL01
Programmers guide
87
CFx_x
These bits in these 6 registers provide a 10 bit binary digital reflection of the current
regulation loop internal value. This value is periodically sampled and filtered to show what
the current regulation loop is measuring. Taking bits 1 – 10 and multiplying by KFB
(6.25 mA/bit see Table 9) provides the value of the current being measured.
Regx[1-10] x KFB = Imeasure
For register 13H please remove bit 15 prior to calculating the current. For all registers the
parity bit must also be stripped off prior to calculation (shift the data right by one bit).
V3V3UV
The V3V3UV bit is only in register 13H. This bit is set when the V3V3 voltage regulator
voltage falls below the V3V3UV_F threshold. It is only reset by a read and clear command.
This fault is also reported in the FE2 bit in the Global Status byte.
6.3.6
Register 19H-1CH silicon test traceability data
This data indicated when the device was manufactured and tested.
Table 58. 13H through 18H register bit description
Bit No.
Function
Level
State after SPI
Read&Clear
Default
(After POR)
15
V3V3UV(1)
3V3 under voltage
Cleared
0
14
Reserved
0
13
0
12
0
11
0
10
CFx_9
Current control Feedback loop bit 9
Read only
0
9
CFx_8
Current control Feedback loop bit 8
Read only
0
8
CFx_7
Current control Feedback loop bit 7
Read only
0
7
CFx_6
Current control Feedback loop bit 6
Read only
0
6
CFx_5
Current control Feedback loop bit 5
Read only
0
5
CFx_4
Current control Feedback loop bit 4
Read only
0
4
CFx_3
Current control Feedback loop bit 3
Read only
0
3
CFx_2
Current control Feedback loop bit 2
Read only
0
2
CFx_1
Current control Feedback loop bit 1
Read only
0
1
CFx_0
Current control Feedback loop bit 0
Read only
0
0 LSB
Parity
Parity bit
1
1. Found in register 13H only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com