Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99UDL01 Datasheet(PDF) 85 Page - STMicroelectronics

Part # L99UDL01
Description  L99UDL01 Automotive Universal Door Lock IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99UDL01 Datasheet(HTML) 85 Page - STMicroelectronics

Back Button L99UDL01 Datasheet HTML 80Page - STMicroelectronics L99UDL01 Datasheet HTML 81Page - STMicroelectronics L99UDL01 Datasheet HTML 82Page - STMicroelectronics L99UDL01 Datasheet HTML 83Page - STMicroelectronics L99UDL01 Datasheet HTML 84Page - STMicroelectronics L99UDL01 Datasheet HTML 85Page - STMicroelectronics L99UDL01 Datasheet HTML 86Page - STMicroelectronics L99UDL01 Datasheet HTML 87Page - STMicroelectronics L99UDL01 Datasheet HTML 88Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 85 / 88 page
background image
DS12511 Rev 5
85/88
L99UDL01
Package and packing information
87
7
Package and packing information
7.1
ECOPACK
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK packages, depending on their level of environmental compliance. ECOPACK
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK is an ST trademark.
7.2
TQFP-64 mechanical data
Table 59. TQFP-64 mechanical data
Symbol
Millimeters
Min.
Typ.
Max.
A
1,20
A1
0,05
0,15
A2
0,95
1,00
1,05
b
0,17
0,22
0,27
c0,09
0,20
D
11,80
12,00
12,20
D1
9,80
10,00
10,20
D2(1)
5,85
6,00
6,15
D3
7,50
E
11,80
12,00
12,20
E1
9,80
10,00
10,20
E2(1)
5,85
6,00
6,15
E3
7,50
e0,50
L
0,45
0,60
0,75
L1
1,00
k0°
3,50°
7°
ccc
0,08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com