Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99UDL01 Datasheet(PDF) 47 Page - STMicroelectronics

Part # L99UDL01
Description  L99UDL01 Automotive Universal Door Lock IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99UDL01 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button L99UDL01 Datasheet HTML 43Page - STMicroelectronics L99UDL01 Datasheet HTML 44Page - STMicroelectronics L99UDL01 Datasheet HTML 45Page - STMicroelectronics L99UDL01 Datasheet HTML 46Page - STMicroelectronics L99UDL01 Datasheet HTML 47Page - STMicroelectronics L99UDL01 Datasheet HTML 48Page - STMicroelectronics L99UDL01 Datasheet HTML 49Page - STMicroelectronics L99UDL01 Datasheet HTML 50Page - STMicroelectronics L99UDL01 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 88 page
background image
DS12511 Rev 5
47/88
L99UDL01
Serial communications
87
unwanted Status Register clear should occur, as status information is only cleared with a
dedicated bit clear after read.
5.11
Global status byte
The global status byte is a read only register that appears on every SPI transmission on the
SDO pin. Bit definition can be found in the programmers guide.
5.12
Parity
To ensure proper communication every SPI frame has a parity bit (odd). If a parity error is
detected, then the data is discarded and the SPI Error (SPIE) bit in the Global Status Byte is
set. Parity is checked on all incoming frames (SDI) and is generated for all outgoing frames
(SDO).
5.13
Clock monitor
The number of clock pulses for each frame is counted. If this number is incorrect then the
data is discarded and the SPI Error bit in the Global Status Byte as well as the SPI_FAIL bit
in register 10H are set. Note: This feature prevents this SPI bus from being daisy chained.
Providing no SCK edge during a CSN low to high phase is not recognized as an SPIE.
For a SPI Burst Read also the SPI Data Length plus multiple numbers of Payload SCK
edges are assumed as a valid communication.
5.14
CSN timeout, (tCSN)
By pulling CSN low the SDO is set active and leaves its Tristate condition. To ensure
communication between other SPI devices within the same bus even in case of CSN stuck
@ low a CSN timeout is implemented. By pulling CSN low an internal timer is started. After
timer end is reached the actual communication is rejected and the SDO is set to tri-state
condition. This error (CSN timeout, tCSN) is not reported in any specific status register.
5.15
Burst read
Burst read is used to perform a device internal memory dump to the SPI Master. The start of
the Burst Read is like a normal Read Operation. The difference is, that after the SPI Data
Length the CSN is not pulled high and the SCK will be continuously clocked. When the
normal SCK max count is reached (SPI Data Length) the consecutive addressed data will
be latched into the shift register. This procedure is performed every time the SCK payload
length is reached.
Burst Read will not overrun 3FH. SCK cycles that extend the address beyond 3FH will read
the contents of address 3FH until the transmission is terminated by rising CSN.
The SPI Burst Read is limited by the CSN low timeout.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com