Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99UDL01 Datasheet(PDF) 26 Page - STMicroelectronics

Part # L99UDL01
Description  L99UDL01 Automotive Universal Door Lock IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99UDL01 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button L99UDL01 Datasheet HTML 22Page - STMicroelectronics L99UDL01 Datasheet HTML 23Page - STMicroelectronics L99UDL01 Datasheet HTML 24Page - STMicroelectronics L99UDL01 Datasheet HTML 25Page - STMicroelectronics L99UDL01 Datasheet HTML 26Page - STMicroelectronics L99UDL01 Datasheet HTML 27Page - STMicroelectronics L99UDL01 Datasheet HTML 28Page - STMicroelectronics L99UDL01 Datasheet HTML 29Page - STMicroelectronics L99UDL01 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 88 page
background image
Device description
L99UDL01
26/88
DS12511 Rev 5
2.6.2
Thermal protection
There is a thermal sensor associated with each of the internal half bridges. There are two
reported thermal thresholds. These are thermal warning, TWx, and thermal shutdown, TSDx.
Thermal warning only provides a SPI register indication of the condition (TWx). Thermal
shutdown either shuts down the offending half bridge or disables the entire device. This
option is programmable via SPI command. Thermal shutdown is indicated in the SPI
register via the TSDx bits.
If more than one driver is linked in parallel the hottest driver will cause a thermal indication
(TWx or TSDx). All linked drivers have their diagnostic bits linked as well. That is, they will all
demonstrate the same diagnostic state.
Drivers cannot be activated until its corresponding temperature is below thermal shutdown
threshold and corresponding fault register bit is cleared.
2.6.3
Off state load detection
Along with the standard shorted load and thermal protections the L99UDL01 has the ability
to verify load integrity without actuating loads.
This is done by incorporating enable-able weak pull-up (ODCHx) / pull-down (ODCLx)
currents at each output. By using the weak pull-up/pull-down currents the following
conditions can be determined:
Shorted output to either ground or supply
Open load
One method would be to first bias a motor node by either a weak pull-up or weak pull-down
current then reading the Dynamic Output State (DOSx, DOS_EXTx) bits. A weak pull-up on
one output should cause all nodes associated with that output to pull high. A weak pull-down
on one output should cause all nodes associated with that output to pull low. An open circuit
or shorted output would prevent either one or the other from happening.
2.6.4
Enable-able weak pull-up/down currents
The weak pull-up/pull-down currents are enable-able through SPI command (register 06H
and 07H). Each output can have enabled a weak pull up current or a weak pull down current
individually.
Activating a weak pull-up on one of a paralleled output and a weak pull-down in another of
the same parallel group will be ignored and set a WRT_fail bit. Alternatively, activating a
weak pull-up and a weak pull-down on the same output will be ignored and set a WRT_fail
bit.
Weak pull-up/pull-down currents are available for both the integrated and the external Half-
bridge controllers. This allows the user to determine if there is a short to ground or supply
condition on these outputs prior to actuation.
2.6.5
Dynamic output state detection
All outputs, internal and external have the ability to detect if the output voltage is above or
below a specific threshold (VOUT_th). If the Output voltage at the time CSN falls is above the
threshold the corresponding bit in Diagnostic register 11H is set high. If the output voltage is
below the threshold then the corresponding bit is set low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com