Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99UDL01 Datasheet(PDF) 72 Page - STMicroelectronics

Part # L99UDL01
Description  L99UDL01 Automotive Universal Door Lock IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99UDL01 Datasheet(HTML) 72 Page - STMicroelectronics

Back Button L99UDL01 Datasheet HTML 68Page - STMicroelectronics L99UDL01 Datasheet HTML 69Page - STMicroelectronics L99UDL01 Datasheet HTML 70Page - STMicroelectronics L99UDL01 Datasheet HTML 71Page - STMicroelectronics L99UDL01 Datasheet HTML 72Page - STMicroelectronics L99UDL01 Datasheet HTML 73Page - STMicroelectronics L99UDL01 Datasheet HTML 74Page - STMicroelectronics L99UDL01 Datasheet HTML 75Page - STMicroelectronics L99UDL01 Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 88 page
background image
Programmers guide
L99UDL01
72/88
DS12511 Rev 5
STBY2
Standby is entered when bit 13 in this register and bit 13 in register 06H are set in order.
First STBY1 must be set and then STBY2 must be set for standby to be initiated. Upon the
rising edge of CSN, when setting the second of the two bits, the device will enter standby.
Setting only one of the bits or setting the bits out of order will not cause the device to enter
standby.
Once entering Standby no communication can occur without waking the device up (CSN
falling edge)
6.2.6
Register 08H (current regulation loop control).
This register provides the option of adjusting the control loop P-I parameters. These
parameters are set to a typical default setting that will fit most applications.
This register can be read or written to. All new data programmed into this register will be
acted upon the rising edge of CSN even during a timed actuation.
Figure 24. 08H Current regulation loop control register
OC1
OC2
A5
A4
A3
A2
A1
A0
D 15 D 14 D 13 D 12 D 11 D 10
D 9
D 8
D 7
D 6
D 5
D 4
D 3D 2
D 1D 0
0
0
0
1
001000
Reserved
Default Values
0000000001
01101
X
Table 47. 08H Register bit description
Bit No.
Function
Level
15
Reserved
—
14
Reserved
—
13
Reserved
—
12
Reserved
—
11
Reserved
—
10
Reserved
—
9
Reserved
—
8
Reserved
—
7
Reserved
—
6
KI_2
Integral gain of regulation loop bit 2
5
KI_1
Integral gain of regulation loop bit 1
4
KI_0
Integral gain of regulation loop bit 0
3
KP_2
Proportional gain of regulation loop bit 2
2
KP_1
Proportional gain of regulation loop bit 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com