Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99UDL01 Datasheet(PDF) 48 Page - STMicroelectronics

Part # L99UDL01
Description  L99UDL01 Automotive Universal Door Lock IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99UDL01 Datasheet(HTML) 48 Page - STMicroelectronics

Back Button L99UDL01 Datasheet HTML 44Page - STMicroelectronics L99UDL01 Datasheet HTML 45Page - STMicroelectronics L99UDL01 Datasheet HTML 46Page - STMicroelectronics L99UDL01 Datasheet HTML 47Page - STMicroelectronics L99UDL01 Datasheet HTML 48Page - STMicroelectronics L99UDL01 Datasheet HTML 49Page - STMicroelectronics L99UDL01 Datasheet HTML 50Page - STMicroelectronics L99UDL01 Datasheet HTML 51Page - STMicroelectronics L99UDL01 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 88 page
background image
Serial communications
L99UDL01
48/88
DS12511 Rev 5
5.16
Device Information Registers
The Device Information Registers can be read by using OpCode ‘11’. After shifting out the
GSB the 8bit wide payload will be transmitted. The remaining 8 bits shifted out the SDO will
be ‘0’s
5.16.1
Device Identification Registers (00H => 0AH)
These registers represent a unique signature to identify the device and silicon version.
SPI modes
By reading out the <SPI Mode> register general information of SPI usage of the Device
Application Registers can be read.
Table 21. Device information registers
ROM
Addr.
Description
RWC Bit 7 Bit 6 Bit 5 Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
20H
<SPI CPHA test>
R
0
1
0
1
0
1
0
1
10H
<SPI mode>
R
A1H
...
0AH
<Silicon Ver.>
R
Major revision
Minor revision
...
05H
<Device No. 4>
R
03H
04H
<Device No. 3>
R
5AH
03H
<Device No. 2>
R
41H
02H
<Device No. 1>
R
55H
01H
<Device Family>
R
01H
00H
<Company Code>
R
00H
<Company Code>: 00H
(STMicroelectronics)
<Device Family>: 01H
(BCD Power Management)
<Device No. 1>: 55H
(ASCII code for U)
<Device No. 2>: 41H
(ASCII code for A)
<Device No. 3>: 5AH
(ASCII code for Z)
<Device No. 4>: 03H
(3)
Table 22. SPI modes register
Bit No.
BIT 7
BIT 6
BIT 5
BIT4
BIT 3
BIT 2
BIT 1
BIT 0
Definition
BR
DL2
DL1
DL0
0
0
S1
S0
Default
10
1
0
0
0
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com