Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99UDL01 Datasheet(PDF) 54 Page - STMicroelectronics

Part # L99UDL01
Description  L99UDL01 Automotive Universal Door Lock IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99UDL01 Datasheet(HTML) 54 Page - STMicroelectronics

Back Button L99UDL01 Datasheet HTML 50Page - STMicroelectronics L99UDL01 Datasheet HTML 51Page - STMicroelectronics L99UDL01 Datasheet HTML 52Page - STMicroelectronics L99UDL01 Datasheet HTML 53Page - STMicroelectronics L99UDL01 Datasheet HTML 54Page - STMicroelectronics L99UDL01 Datasheet HTML 55Page - STMicroelectronics L99UDL01 Datasheet HTML 56Page - STMicroelectronics L99UDL01 Datasheet HTML 57Page - STMicroelectronics L99UDL01 Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 88 page
background image
Programmers guide
L99UDL01
54/88
DS12511 Rev 5
6
Programmers guide
This programmer’s guide is a reference section intended to help in the L99UDL01 interface
software development. The L99UDL01 uses SPI messaging for all its communication into or
out the device. The Command registers are written to the L99UDL01 by the MASTER
C
and the corresponding Status registers are read from the L99UDL01 by the MASTER
C.
6.1
Output Control Registers
The control registers are registers written to the L99UDL01 by the MASTER
µC to actuate
the L99UDL01 outputs. Each command consists of an address, data bits, and a parity bit.
The information written to these registers can either set up or initiate the lock/unlock
functionality. The outputs are set up for actuation or can be actuated by these registers.
All writable registers can be written while the device is in timed actuation mode, but not all
the data. New information placed in registers 00H through 05H while in timed actuation
mode will not be acted upon until after a timed actuation mode is completed. If these
registers are written during a timed actuation mode, their contents will be used on a
subsequent actuation. Register 06H through 08H are acted upon immediately after the
rising edge of CSN.
The device does not support any changes to the output override function during a timed
actuation. It means that the output override bits in registers 01H as well as the related output
control bits in register 00H must not be modified during a timed actuation. Further, Output
Override bits in register 01H cannot be changed while the OUT_ON bit is high. This action is
not supported.
6.1.1
Register 00H (Integrated driver control registers)
This register sets up the polarity of the integrated outputs upon actuation. These values will
remain in this register even after actuation.
This register also sets up the PWM frequency for the integrated drivers using 3 bits.
This register can be read or written at any time. New data are not acted upon if programmed
while in timed actuation. New data will be used in subsequent timed actuations.
Figure 16. Register 00H Integrated output commands
OC1
OC2
A5
A4
A3
A2
A1
A0
D 15
D 14
D 13
D 12
D 11
D 10
D 9
D 8
D 7
D 6
D 5
D 4
D 3D 2
D 1D 0
0
0
0
1
000000
Default Values
0000000000
00000
X
Table 27. 00H Command description
Bit#
Command
Description
15
FPWM2
PWM Frequency selection bit 2
14
FPWM1
PWM Frequency selection bit 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com