Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99UDL01 Datasheet(PDF) 38 Page - STMicroelectronics

Part # L99UDL01
Description  L99UDL01 Automotive Universal Door Lock IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99UDL01 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button L99UDL01 Datasheet HTML 34Page - STMicroelectronics L99UDL01 Datasheet HTML 35Page - STMicroelectronics L99UDL01 Datasheet HTML 36Page - STMicroelectronics L99UDL01 Datasheet HTML 37Page - STMicroelectronics L99UDL01 Datasheet HTML 38Page - STMicroelectronics L99UDL01 Datasheet HTML 39Page - STMicroelectronics L99UDL01 Datasheet HTML 40Page - STMicroelectronics L99UDL01 Datasheet HTML 41Page - STMicroelectronics L99UDL01 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 88 page
background image
Electrical characteristics
L99UDL01
38/88
DS12511 Rev 5
4.3.10
I/O and SPI
Table 15. I/O Parameters, CLK, SDO, SDI, CSN, EN_OUT, DOUT
Electrical characteristics (-40°C < TJ < 130°C, 6V < VS < 18V unless otherwise specified)
Req ID
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
B.001
VIL
Input Low Voltage
CLK, SDI, CSN, EN_OUT
1.0
1.45
V
B.002
VIH
Input High voltage
CLK, SDI, CSN, EN_OUT
1.85
2.3
V
B.003
VI(HYST)
Input Threshold
Hysteresis
CLK, SDI, CSN, EN_OUT
0.2
0.4
V
B.004
tEN
EN_OUT filter time
Rising and falling edge of
EN_OUT
Tested by scan
64
82
s
B.005
tCSN_EN
Output enable delay
from rising edge of
CSN
CSN rising on command
register 01H with OUT_ON bit
high
Tested by scan
11
s
B.006
Rpu_csn
CSN pull up
resistance
35
70
140
k
B.007
Rpd_EN_OUT
EN_OUT pull down
resistance
VEN_OUT = 1.5V
40
k
B.008
IPD_SDI
Pull down current
VSDI = 1V
50
A
B.009
IPD_CLK
Pull down current
VCLK = 1V
50
A
B.010
IDOLK
Tri-state SDO
leakage current
0V < VDO < VDD, VCSN=VDD
-10
10
A
B.011
CDO
Tri-state SDO input
capacitance
Guaranteed by design
10
15
pF
B.012
VOL
SDO, DOUT Output
low voltage
IOUT<4mA,
0
0.5
V
B.013
tCSN
CSN Timeout
CSN held low
20
35
50
ms
B.014
VOH
SDO, DOUT Output
high voltage
IOUT<4 mA,
VDD-
0.5
VDD
V
B.015
fIN
Signal Frequency
Range
IOUT<25 µA, CL<60 pF
DC
4
MHz
B.016
trise
CLK, SDI, CSN rise
time
25
ns
B.017
tfall
CLK, SDI, CSN fall
time
25
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com