Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99UDL01 Datasheet(PDF) 62 Page - STMicroelectronics

Part # L99UDL01
Description  L99UDL01 Automotive Universal Door Lock IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99UDL01 Datasheet(HTML) 62 Page - STMicroelectronics

Back Button L99UDL01 Datasheet HTML 58Page - STMicroelectronics L99UDL01 Datasheet HTML 59Page - STMicroelectronics L99UDL01 Datasheet HTML 60Page - STMicroelectronics L99UDL01 Datasheet HTML 61Page - STMicroelectronics L99UDL01 Datasheet HTML 62Page - STMicroelectronics L99UDL01 Datasheet HTML 63Page - STMicroelectronics L99UDL01 Datasheet HTML 64Page - STMicroelectronics L99UDL01 Datasheet HTML 65Page - STMicroelectronics L99UDL01 Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 88 page
background image
Programmers guide
L99UDL01
62/88
DS12511 Rev 5
DBN_x
The DBN_X bits disable the braking mode on specific outputs. When this bit is set the
dynamic braking function does not work for that output. This allows the selected output to be
used for other functions besides door lock.
6.2.2
Register 03H (Driver configuration register 2)
This register sets up the groups for paralleling outputs as well as a few other functions. This
information remains in the register even after actuation.
This register can be read or written. While new data can be written to the register it will not
become effective while in timed actuation or while in indefinite braking mode. The new data
will become effective:
If the data is changed during a timed actuation, then the new data value will become
effective at the end of the timed actuation (ton + toff).
If the data is changed during indefinite braking or during a timed actuation with
programmed indefinite braking, then the new data value will be taken into account only
after a write operation on to register 01H occurs or unless a new timed actuation is
triggered by EN_OUT rising edge.
If the data is changed outside of a timed actuation and outside of indefinite braking,
then the new data value will become effective upon at the rising edge of CSN.
Figure 19. 03H Driver config register 2
OC1
OC2
A5
A4
A3
A2
A1
A0
D 15
D 14
D 13
D 12
D 11
D 10
D 9
D 8
D 7
D 6
D 5
D 4
D 3D 2
D 1D 0
0
0
0
1
0
000
11
Reserved
Default Values
000
00
00
000
00
00
0
X
Table 36. 03H register bit description
Bit#
Command
Description
15
Reserved
—
14
Reserved
—
13
Reserved
—
12
Reserved
—
11
Reserved
—
10
Reserved
—
9
Reserved
—
8
Reserved
—
7
GFI
Global Fault indication on DOUT
6
TSD_ACT Thermal Shutdown action (0=Output only, 1=Gloal)
5
DITHN
Disables Dither frequency to Charge Pump osc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com