Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99UDL01 Datasheet(PDF) 17 Page - STMicroelectronics

Part # L99UDL01
Description  L99UDL01 Automotive Universal Door Lock IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99UDL01 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L99UDL01 Datasheet HTML 13Page - STMicroelectronics L99UDL01 Datasheet HTML 14Page - STMicroelectronics L99UDL01 Datasheet HTML 15Page - STMicroelectronics L99UDL01 Datasheet HTML 16Page - STMicroelectronics L99UDL01 Datasheet HTML 17Page - STMicroelectronics L99UDL01 Datasheet HTML 18Page - STMicroelectronics L99UDL01 Datasheet HTML 19Page - STMicroelectronics L99UDL01 Datasheet HTML 20Page - STMicroelectronics L99UDL01 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 88 page
background image
DS12511 Rev 5
17/88
L99UDL01
Device description
87
Commanding the outputs then requires:
1.
Register 00H:
a)
Set the polarity of the internal switches (HS/LS)
2.
Register 01H:
a)
Set the polarity of the external switches (HS/LS)
3.
Initiate the timed actuation:
a)
If by SPI, then the OUT_ON bit may be set in register 01H. This can be done
concurrently with programming register 01H (step 2 above) as long as the
EN_OUT pin is high.
b)
If initiating timed actuation by the EN_OUT pin then raise the EN_OUT pin. Timed
actuation will occur as long as the EN_OUT pin is high.
The unregulated side is protected by the overcurrent protection.
All outputs, internal and external, are driven with active circuitry. If indefinite dynamic
braking is not enabled, once an actuation cycle is completed and all devices have been
commanded off, the active circuitry is disabled after ~10 µs to reduce quiescent loading. All
outputs are then in a passive off state that will keep the outputs off (gates tied to their
sources) in the face of noise on the load or supply.
If indefinite braking is enabled, then the active circuitry will remain active for all outputs
(even if dynamic braking is disabled for that output).
2.4.1
Integrated half bridge drivers (OUT1-OUT6)
These outputs are configured as switching drivers incorporating active recirculation to
minimize power dissipation. The dead time between high and low side drivers is fixed within
the functionality of the output drivers.
Figure 4. OUT1-6 block diagram
All the integrated outputs can be driven in timed voltage control (PWM duty cycle), timed
current regulation control or on/off control.
GNDx
OUTx
VSx
Prog.
Current
Threshold
Vcp
Vcp
Diagnostics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com