Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99UDL01 Datasheet(PDF) 42 Page - STMicroelectronics

Part # L99UDL01
Description  L99UDL01 Automotive Universal Door Lock IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99UDL01 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button L99UDL01 Datasheet HTML 38Page - STMicroelectronics L99UDL01 Datasheet HTML 39Page - STMicroelectronics L99UDL01 Datasheet HTML 40Page - STMicroelectronics L99UDL01 Datasheet HTML 41Page - STMicroelectronics L99UDL01 Datasheet HTML 42Page - STMicroelectronics L99UDL01 Datasheet HTML 43Page - STMicroelectronics L99UDL01 Datasheet HTML 44Page - STMicroelectronics L99UDL01 Datasheet HTML 45Page - STMicroelectronics L99UDL01 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 88 page
background image
Serial communications
L99UDL01
42/88
DS12511 Rev 5
5
Serial communications
5.1
General information
The ST-SPI is a common serial peripheral interface protocol used in ST’s Automotive ASSP
devices. ST-SPI uses an in-frame response protocol for all communications providing for a
global status byte to be communicated for every SPI transmission.
5.1.1
Physical Layer
Figure 12. SPI pin description
5.2
Signal description
5.2.1
Chip Select Not (CSN)
The communication interface is deselected, when this input signal is logically high. A falling
edge on CSN enables and starts the communication while a rising edge finishes the
communication and the sent command is executed when a valid frame was sent. During
communication start and stop the Serial Clock (SCK) has to be logically low. The Serial
Data-Out (SDO) is in high impedance when CSN is high or a communication timeout was
detected (refer to CSN timeout).
5.2.2
Serial Clock (SCK)
This SCK provides the clock of the SPI. Data present at Serial Data Input (SDI) is latched on
the rising edge of Serial Clock (SCK) into the internal shift registers while on the falling edge
data from the internal shift registers are shifted out to Serial-Data-Out (SDO).
5.2.3
Serial Data Input (SDI)
This input is used to transfer data serially into the device. Data is latched on the rising edge
of Serial Clock (SCK).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com