Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99UDL01 Datasheet(PDF) 30 Page - STMicroelectronics

Part # L99UDL01
Description  L99UDL01 Automotive Universal Door Lock IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99UDL01 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button L99UDL01 Datasheet HTML 26Page - STMicroelectronics L99UDL01 Datasheet HTML 27Page - STMicroelectronics L99UDL01 Datasheet HTML 28Page - STMicroelectronics L99UDL01 Datasheet HTML 29Page - STMicroelectronics L99UDL01 Datasheet HTML 30Page - STMicroelectronics L99UDL01 Datasheet HTML 31Page - STMicroelectronics L99UDL01 Datasheet HTML 32Page - STMicroelectronics L99UDL01 Datasheet HTML 33Page - STMicroelectronics L99UDL01 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 88 page
background image
Electrical characteristics
L99UDL01
30/88
DS12511 Rev 5
4.3.1
Supply
Table 6. Supply voltage parameters
Electrical characteristics (-40°C < TJ < 130°C, 6 V < VS < 18 V unless otherwise specified)
Req ID
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
A.001
VSOPER
VS Operating
Supply Voltage
618
V
A.002
VSOPER_EXT
Extended VS
Operating
Supply
Voltage(1)
526
V
A.003
IQ(Vs) on
VS Supply
current on-state
Sum of all VSx, DRNx and VS pins,
All VSx = DRNx = VS = 13 V, OUTx
floating
13
18
mA
A.004
IQ(VSx) STBY
VSx supplies
leakage current
Sum of all VSx pins
VSx = 13 V,
STBY bit = 1
OUTx floating
-40°C to 25°C
1
6
A
A.005
125°C
20
A.006
IQ(VSx) SLEEP
VSx supplies
leakage current
Sum of all VSx pins
VSx = 13 V,
VDD<VDDSLEEP
OUTx floating
-40°C to 25°C
1
6
A
A.007
125°C
25
A.008
IQ(Vs) STBY
VS supply
Standby
consumption
current in STBY
mode
VS = 13 V,
STBY bit = 1
VDD>VDDSLEEP
-40°C to 25°C
30
A
A.009
125°C
50
A.010
IQ(Vs) SLEEP
VS supply
Standby
consumption
current in Sleep
mode
VS = 13 V
VDD<VDDSLEEP
OUTx floating
-40°C to 25°C
7
A
A.011
125°C
15
A.012
VDDOPER
VDD Operating
Supply Voltage
2.5
5.5
V
A.013
VDDSLEEP_F
VDD sleep
threshold
(falling).
A VDD below this threshold will
force the L99UDL01 into Sleep
mode. No supply is available at this
time.
0.3
1.0
1.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com